Electronic Components Datasheet Search
  English  ▼

X  

CD2RMC Datasheet(PDF) 2 Page - Greystone Energy Systems Inc.

Part # CD2RMC
Description  ROOM CARBON DIOXIDE DETECTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

CD2RMC Datasheet(HTML) 2 Page - Greystone Energy Systems Inc.

  CD2RMC Datasheet HTML 1Page - Greystone Energy Systems Inc. CD2RMC Datasheet HTML 2Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-CD2RMCXXX-02
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
WIRING INFORMATION
TERMINAL
FUNCTION
SETPNT
Resistance Output
CO
2
Analog Output
COM
COMMON
PWR
Supply Voltage
TEMP
Resistance Output
SWITCH
Digital Output
RELAY
Digital Output
PRODUCT
CD2RMC
Room Carbon Dioxide Sensor
DISPLAY
C
V
Concealed LCD (Not available if setpoint selected)
Viewable LCD
OPTIONAL TEMPERATURE SENSOR
XX
02
05
06
07
08
12
13
14
20
24
59
None
100 Ω Platinum, IEC 751, 385 Alpha, thin film, 3-wire
1801 Ω NTC Thermistor, ±0.2°C
3000 Ω NTC Thermistor, ±0.2°C
10,000 Ω Type 3, NTC Thermistor, ±0.2°C
2.252K Ω NTC Thermistor, ±0.2°C
1000 Ω Platinum, IEC 751, 385 Alpha, thin film
1000 Ω Nickel, Class B, DIN 43760
10,000 Ω Type 3, NTC Thermistor, ±0.2°C c/w 11,000 shunt resistor
20,000 Ω NTC Thermistor, ±0.2°C
10,000 Ω Type 2, NTC Thermistor, ±0.2°C
10,000 Ω, 25°C, ±1%, B = 3435 ±1% (25/85)
OPTIONAL RELAY
X
R
None
Adjustable Relay
OPTIONAL OVERRIDE
X
S
None
Override
OPTIONAL SETPOINT ADJUSTMENT
XXX
P00
P01
P02
None
0 to 10,000Ω
20,000 to 30,000Ω
2,000 to 3,000Ω
ORDERING
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
NOTE: Additional setpoint values are available. Please contact Greystone.
5-YEAR CALIBRATION GUARANTEE
Greystone offers a 5-year calibration guarantee on all its CD series wall and duct mount sensors used for CO
2 based ventilation control when operated in an
environment that can utilize ASC software. If the sensor is found to be out of calibration more than 150 PPM as compared to a calibration gas or recently calibrated
reference, Greystone will provide a free factory calibration of the sensor if returned to Greystone. This guarantee only applies if the sensor is operated in an
environment where inside levels periodically drop to outside concentrations (i.e. during evenings or weekends when there is no occupancy) as is required by ASC
software.
ACCESSORIES
CDD1-CALKIT-GS
Calibration kit (Gas not included) for calibrating CD & CDD series CO
2 Transmitters.
SETPNT
CO2
COM
PWR
TEMP
SWITCH
RELAY
MENU
UP
DOWN
OVERRIDE
CO2 SENSOR



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com