Electronic Components Datasheet Search
  English  ▼

X  

CS-650 Datasheet(PDF) 1 Page - Greystone Energy Systems Inc.

Part # CS-650
Description  CURRENT SENSOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREYSTONE [Greystone Energy Systems Inc.]
Direct Link  http://greystoneenergy.com/
Logo GREYSTONE - Greystone Energy Systems Inc.

CS-650 Datasheet(HTML) 1 Page - Greystone Energy Systems Inc.

  CS-650 Datasheet HTML 1Page - Greystone Energy Systems Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PRINTED IN CANADA
Copyright © Greystone Energy Systems Inc. All Rights Reserved
www.greystoneenergy.com
PS-CS650BXXX-02
05/20
Greystone Energy Systems, Inc.
150 English Drive, Moncton,
New Brunswick, Canada E1E 4G7
Ph: +1 (506) 853-3057 Fax: +1 (506) 853-6014
North America: 1-800-561-5611
E-mail: mail@greystoneenergy.com
CURRENT SENSOR
CS-650
PRODUCT DESCRIPTION
The CS-650 Series current sensors monitor
line current for electrical loads such as pumps,
conveyors, machine tools, or fans and output a 0-5
Vdc signal to represent the load current.
The CS-650 require no external power as they are
totally powered by induction from the AC line being
monitored.
The sensors are typically used to monitor motor
operation and can be used to determine motor
failure, belt loss, machine feed rates or tool wear.
TYPICAL INSTALLATION
For complete installation and wiring details,
please refer to the product installation
instructions.
The CS-650 series must be mounted in an electrical
enclosure and has an integral mounting tab to allow
either screw mount to a surface or spring mount to
a DIN rail.
The CS-650 series has a 2 wire connection to the
Building Automation System.
PRODUCT
CS-650 Solid-Core Current Sensor, 0-5 Vdc Output
SENSING RANGE
R1
R2
200
0-10/20/50 Amps - switch selectable
100 Amps Continuous
0-50/100/150 Amps - switch selectable
150 Amps Continuous
0-200 Amps
250 Amps Continuous
ORDERING
CS-650
PART NUMBER
NOTE: Greystone Energy Systems, Inc. reserves the right to make design modifications without prior notice.
MEASUREMENT RANGE
CS-650-R1: 0-10/20/50 Amps
CS-650-R2: 0-50/100/150 Amps
CS-650-200: 0-200 Amps
MAXIMUM INPUT CURRENT
CS-650-R1: 100 Amps continuous
CS-650-R2: 150 Amps continuous
CS-650-200: 250 Amps continuous
ACCURACY
CS-650-R1/R2: ±2% FSO (5-100% of range)
CS-650-200: ±1% FSO (5-100% of range)
SIGNAL OUTPUT
0-5 Vdc
SENSOR POWER
Self-powered
INSULATION CLASS
600 Vac, insulated conductors
FREQUENCY
50/60 Hz
RESPONSE TIME
200 mS typical, 0-90%
OUTPUT LOAD
1 MΩ typical
LOADING ERROR
Add 0.5% error with 100KΩ
OPERATING TEMPERATURE
-15 to 60°C (5 to 140°F)
OPERATING HUMIDITY
5 to 90 %RH non-condensing
TERMINAL BLOCK
14 to 22 AWG
DIMENSIONS
67mm W x 68.9mm H x 24.1mm D (2.65” x 2.7” x 0.95”)
SENSOR APERTURE
20.3mm (0.8”)
ENCLOSURE MATERIAL
ABS/PC, UL94-V0
AGENCY APPROVALS
cULus listed
SPECIFICATIONS
Insulated Conductors Only
600 Vac max
200 Amps max
47mm
1.85”
67.3mm
2.65”
66mm
2.60”
ø 20.3mm
ø0.8”
24.9mm
0.98”
55.9mm
2.2”
Range Switch
Selector


Similar Part No. - CS-650

ManufacturerPart #DatasheetDescription
logo
Greystone Energy System...
CS-625 GREYSTONE-CS-625 Datasheet
183Kb / 1P
AC CURRENT SWITCH HIGH OUTPUT
logo
PREMO CORPORATION S.L
CS-680-K PREMO-CS-680-K Datasheet
192Kb / 1P
Coils and Chokes for general use
CS-681-K PREMO-CS-681-K Datasheet
192Kb / 1P
Coils and Chokes for general use
CS-682-K PREMO-CS-682-K Datasheet
192Kb / 1P
Coils and Chokes for general use
CS-6R8-K PREMO-CS-6R8-K Datasheet
192Kb / 1P
Coils and Chokes for general use
More results

Similar Description - CS-650

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZMC10 ZETEX-ZMC10 Datasheet
18Kb / 2P
Current Sensor
logo
Allegro MicroSystems
ACS752SCA-050 ALLEGRO-ACS752SCA-050 Datasheet
1Mb / 11P
Current Sensor
ACS754XCB-050 ALLEGRO-ACS754XCB-050 Datasheet
508Kb / 11P
Current Sensor
ACS754XCB-150 ALLEGRO-ACS754XCB-150 Datasheet
448Kb / 11P
Current Sensor
ACS755XCB-050 ALLEGRO-ACS755XCB-050 Datasheet
434Kb / 10P
Current Sensor
logo
MPS Industries, Inc.
P4100E5 MPSIND-P4100E5 Datasheet
180Kb / 1P
CURRENT SENSOR
logo
CUI INC
CSXX05B CUI-CSXX05B Datasheet
340Kb / 4P
CURRENT SENSOR
CSXX05U CUI-CSXX05U_V01 Datasheet
331Kb / 4P
CURRENT SENSOR
02/19/2020
CSXX05B CUI-CSXX05B_V01 Datasheet
362Kb / 4P
CURRENT SENSOR
02/19/2020
logo
Littelfuse
SE-CS40 LITTELFUSE-SE-CS40 Datasheet
164Kb / 2P
Current Sensor
2015 Rev: 1-A-111215
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com