Electronic Components Datasheet Search
  English  ▼

X  

MDESK7 Datasheet(PDF) 2 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

Part # MDESK7
Description  An Elegant Hand Held Device
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MANTRA [Mantra Softech India Pvt Ltd. All Rights Reserved.]
Direct Link  https://www.mantratec.com
Logo MANTRA - Mantra Softech India Pvt Ltd. All Rights Reserved.

MDESK7 Datasheet(HTML) 2 Page - Mantra Softech India Pvt Ltd. All Rights Reserved.

  MDESK7 Datasheet HTML 1Page - Mantra Softech India Pvt Ltd. All Rights Reserved. MDESK7 Datasheet HTML 2Page - Mantra Softech India Pvt Ltd. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WiFi & GPRS Based Android Terminal
The Mdesk7 Terminal is all-in-one, affordable, WiFi enabled terminal. It can be used for various applications such as Time
Attendance, Access Control, Workow Management, Canteen Management, Visitor Management, Worker Management
etc. This innovative Biometric clock will dramatically improve your ability to monitor your workforce
movements during their working patterns and with features that gives you better time and management reporting.
The Mdesk7 is suitable for both basic to moderately complex time and attendance requirements. The 7" Touch screen
offers a wide range of possibilities, starting from the classical Time recording App to a complex Factory Data Collection App
or a high-security solution with access queries supported by a comparison of live images with stored images or audio-
visual communication to a Service Command Center, e.g. for Data centers. Everything is possible.
Datasheet / An Elegant Hand Held Device mDESK7
Processor :
Display :
Memory :
Connectivity :
Audio :
Camera :
Location Technology :
Battery :
1.2 GHz Quad Core or higher
7 inch or higher ; 1024x600 resolution
Internal memory : 8 GB or higher External memory : Expandable up to 32GB
or higher RAM - 1 GB or higher
Wi-Fi 802.11 b/g/n , Bluetooth v4.0 or higher One Micro USB v2.0 Port and one round
pin charger Connector Single SIM with 3G support
Microphone with High Amplitude Speakers
"Rear Camera with auto focus and 5 MP resolution or above , LED flash"
GPS
3200 mAH or Above
Lowest FRR and FAR
ISO Compatible Fingerprint Templates and Images
ANSI Compatible Fingerprint Templates and Images
500 DPI STQC/Aadhaar approved Fingerprint Sensor
CE, FCC, IEC60950,RoHS Certified Fingerprint Sensor
GPRS/EDGE Enabled, 2G, 3G, GPS
Dual SIM Card Support
Android 6.0 OS
AT A GLANCE
INDIGENOUS BIOMETRICS INNOVATION



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com