Electronic Components Datasheet Search
  English  ▼

X  

SLE4441C Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # SLE4441C
Description  ICs for Chip Cards / Intelligent 256/64/128-Byte EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SLE4441C Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button SLE4441C Datasheet HTML 6Page - Siemens Semiconductor Group SLE4441C Datasheet HTML 7Page - Siemens Semiconductor Group SLE4441C Datasheet HTML 8Page - Siemens Semiconductor Group SLE4441C Datasheet HTML 9Page - Siemens Semiconductor Group SLE4441C Datasheet HTML 10Page - Siemens Semiconductor Group SLE4441C Datasheet HTML 11Page - Siemens Semiconductor Group SLE4441C Datasheet HTML 12Page - Siemens Semiconductor Group SLE4441C Datasheet HTML 13Page - Siemens Semiconductor Group SLE4441C Datasheet HTML 14Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
SLE 4432
SLE 4442
SLE 4440
SLE 4441
Semiconductor Group
13
Data Sheet Extension 09.98
4.
Electrical Characteristics
The listed characteristics are ensured over the operating range of the integrated circuit. Typical
characteristics specify mean values expected over the production spread. If not otherwise
specified, typical characteristics apply at T
A = 25°C and the give supply voltage.
4.1.
Absolute Maximum Ratings
Stresses above those listed may cause permanent damage to the device. This is a stress rating
only and functional operation of the device at these or any other conditions above those indicated
in the operational sections of this data sheet is not implied. Exposure to absolute maximum rating
conditions for extended periods may effect device reliability, including EEPROM data retention
and write/erase endurance.
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
ESD protection
V
S
1500 4000
V
ISO/IEC 7816-1
Endurance 1)
(write/erase cycles/bit)
10
5
—
Data retention 1)
10
years —
1) Values are temperature dependent, for further information please refer to your Siemens Sales
Office.
4.2.
Operation Range
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Ambient temperature
TA
-35
+80
°C
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com