Electronic Components Datasheet Search
  English  ▼

X  

TP21 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TP21
Description  MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.0 x 1.6 x 0.75mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TP21 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TP21 Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TP21
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
RoHS
Compliant
Rev 1: 11-08-2021
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.0 x 1.6 x 0.75mm)
FEATURES:
CMOS PROGRAMMABLE OSCILLATOR
MINITURE SMD PACKAGE WITH CMOS OUTPUT
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
Unit:mm
Pin Configuration
1
En/Dis
2
GND
3
Output
4
VDD
■ REFLOW PROFILE
■ SOLDER PATTERN
Product series
Output
H: HCMOS
TP21
H
50
HM
33
S
12.000M
TR
T
Stability
00: ± 100ppm
50: ± 50ppm
25: ± 25ppm
15: ± 15ppm
10: ± 10ppm
XX: Two digit for
Stability
Operating Temperature
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90
S: 100
T: 105
U: 125
X:custom
Supply Voltage
18: 1.8 Volt
25: 2.5 Volt
33: 3.3 Volt
Symmetry
R: 40/60%
S: 45/55%
Tristate
T: En/Dis
Frequency
M: MHz
Tape and Reel
TR:
1000/reel
Blank: Cut tape
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°C
Pre-heating
<10 Sec
<120 Sec
170 ±5°C
SPECIFICATION
FREQUENCY RANGE
1MHz ~ 100.000MHz
1MHz ~ 166MHz
1MHz ~ 200MHz
FREQUENCY STABILITY
±10ppm ~ ±100ppm
OPERATING TEMPERATURE RANGE
STD: 0°C ~ 70°C, Option: -40°C ~ 85°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-
55°C ~ 125°C
SUPPLY VOLTAGE ± 10%
SUPPLY
CURRENT
1MHz ≤ f < 30MHz
6mA max.
8mA max.
10mA max.
30MHz ≤ f < 75MHz
8mA max.
10mA max.
15mA max.
75MHz ≤ f < 133MHz
12mA max.
15mA max.
20mA max.
133MHz ≤ f < 166MHz
15mA max.
22mA max.
166MHz ≤ f < 200MHz
25mA max.
OUTPUT
LOGIC FAMILY
HCMOS
LOAD
15pF
LEVEL LOGIC ‘1’ (VOH)
0.9 x VDD min.
LEVEL LOGIC ‘0’ (VOL)
0.1 x VDD max.
SYMMETRY(DUTY CYCLE)
STD: 40% / 60%, Option: 45% / 55%
RISE AND FALL TIME (Tr/Tf):
1MHz ≤ f < 10MHz
f ≥ 10MHz
5.0nS max.
4.0nS max.
4.0nS max.
3.0nS max.
3.0nS max.
2.0nS max.
START-UP TIME
2.0mS max.
STAND-BY
VOLTAGE
ENABLE (VIH)
0.7 x VDD ≤ VIH ≤ VDD or N/C
DISABLE (VIL)
VIL ≤ 0.3 x VDD
STAND-BY CURRENT
15µA max.
AGING @ 25°C ± 3°C
±3.0ppm / 1st year max.
PHASE JITTER RMS (12kHz ~ 20MHz)
20pS max.
Unit :mm
0.75
0.60
0.97
1.27
*0.01µF to 0.1µF bypass capacitor recommended


Similar Part No. - TP21

ManufacturerPart #DatasheetDescription
logo
C&K Components
TP11-SH-AG-E-2-2 CK-COMPONENTS-TP11-SH-AG-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AG-E-2-2 CK-COMPONENTS-TP11-SH-AG-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AG-E-2-2 CK-COMPONENTS-TP11-SH-AG-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AQ-E-2-2 CK-COMPONENTS-TP11-SH-AQ-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
TP11-SH-AR-E-2-2 CK-COMPONENTS-TP11-SH-AR-E-2-2 Datasheet
1Mb / 6P
Tiny Pushbutton Switches
2020
More results

Similar Description - TP21

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
X21 EUROQUARTZ-X21 Datasheet
173Kb / 1P
2.0 x 1.6 x 0.6mm SMD
X21-W EUROQUARTZ-X21-W Datasheet
162Kb / 1P
2.0 x 1.6 x 0.6mm SMD
XO21 EUROQUARTZ-XO21 Datasheet
218Kb / 2P
2.0 x 1.6 x 0.75mm SMD HCMOS
logo
TAITIEN ELECTRONICS CO....
XO-0093-OZ-TYPE-1 TAITIEN-XO-0093-OZ-TYPE-1 Datasheet
409Kb / 1P
2.0 x 1.6 mm SMD Crystal Oscillator
logo
Transko Electronics, In...
CS21 TRANSKO-CS21 Datasheet
258Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.0 x 1.6 x 0.46mm)
Rev. 7: 03-07-22
TIP22 TRANSKO-TIP22 Datasheet
454Kb / 1P
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Mar. 2015
TP22 TRANSKO-TP22 Datasheet
453Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Jul. 2014
TSI21 TRANSKO-TSI21 Datasheet
465Kb / 1P
MINIATURE SMD REAL TIME CLOCK (2.0 x 1.6 x 0.8mm)
Rev.0: Mar. 2017
TSM16 TRANSKO-TSM16 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (1.6 x 1.2 x 0.7mm)
Rev 1: 02-24-2022
TSM21 TRANSKO-TSM21 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (2.0 x 1.6 x 0.9mm)
Rev 4: 02-24-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com