Electronic Components Datasheet Search
  English  ▼

X  

LT6000 Datasheet(PDF) 16 Page - Linear Technology

Part # LT6000
Description  Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6000 Datasheet(HTML) 16 Page - Linear Technology

Back Button LT6000 Datasheet HTML 12Page - Linear Technology LT6000 Datasheet HTML 13Page - Linear Technology LT6000 Datasheet HTML 14Page - Linear Technology LT6000 Datasheet HTML 15Page - Linear Technology LT6000 Datasheet HTML 16Page - Linear Technology LT6000 Datasheet HTML 17Page - Linear Technology LT6000 Datasheet HTML 18Page - Linear Technology LT6000 Datasheet HTML 19Page - Linear Technology LT6000 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LT6000/LT6001/LT6002
600012fa
16
PACKAGE DESCRIPTIO
MS8 Package
8-Lead Plastic MSOP
(Reference LTC DWG # 05-08-1660)
MSOP (MS8) 0204
0.53
± 0.152
(.021
± .006)
SEATING
PLANE
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
0.18
(.007)
0.254
(.010)
1.10
(.043)
MAX
0.22 – 0.38
(.009 – .015)
TYP
0.127
± 0.076
(.005
± .003)
0.86
(.034)
REF
0.65
(.0256)
BSC
0
° – 6° TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
12
3
4
4.90
± 0.152
(.193
± .006)
8
7 6 5
3.00
± 0.102
(.118
± .004)
(NOTE 3)
3.00
± 0.102
(.118
± .004)
(NOTE 4)
0.52
(.0205)
REF
5.23
(.206)
MIN
3.20 – 3.45
(.126 – .136)
0.889
± 0.127
(.035
± .005)
RECOMMENDED SOLDER PAD LAYOUT
0.42
± 0.038
(.0165
± .0015)
TYP
0.65
(.0256)
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com