Electronic Components Datasheet Search
  English  ▼

X  

TPS Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TPS
Description  FR-4 SMD LVPECL OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TPS Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TPS Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TPS
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Transko Electronics, Inc. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
RoHS
Compliant
Rev.2: Nov. 2014
FR-4 SMD LVPECL OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
FEATURES:
HIGH FREQUENCY
ULTRA LOW PHASE JITTER PERFORMACE
ENABLE / DISABLE
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ SPECIFICATION
FREQUENCY RANGE
2.5V: 12.000MHz ~ 312.500MHz
3.3V: 12.000MHz ~ 800.000MHz
FREQUENCY STABILITY
±15ppm ~ ±100ppm
OPERATING TEMPERATURE RANGE
STD: 0°C ~ 70°C, Option: -40°C ~ 85°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-
55°C ~ 125°C
SUPPLY VOLTAGE ± 10%
2.5VDC ~ 3.3VDC
SUPPLY CURRENT
75mA max.
OUTPUT
LOGIC FAMILY
LVPECL
LOAD
50
 (into VDD - 2.0VDC)
LEVEL LOGIC ‘1’ (VOH)
VDD - 1.025VDC min.
LEVEL LOGIC ‘0’ (VOL)
VDD - 1.620VDC max.
PEAK TO PEAK
600mV min. 800mV typ.
SYMMETRY(DUTY CYCLE)
STD: 40% / 60% , Option: 45% / 55%
RISE AND FALL TIME (Tr/Tf)
250pS typ. 1.0nS max.
START UP TIME
10mS max.
ENABLE (VIH)
0.7 x VDD ≤ VIH ≤ VDD or N/C
STAND-BY
VOLTAGE
DISABLE (VIL)
VIL ≤ 0.3 x VDD
AGING @ +25°C ±3°C
±3.0ppm / 1st year max.
PHASE JITTER (12kHz ~ 20MHz)
1.0pS max.
■ PART NUMBERING GUIDE
Pin Configuration
1
N.C. or En/Dis
2
N.C. or En/Dis
3
GND
4
Output
5
C - output
6
VDD
Unit : mm
Unit :mm
■ PACKAGE DIMENSIONS
■ SOLDER PATTERN
■ REFLOW PROFILE
1.7
5.08
2.54
5.5
5.8
2.5
1.6
5.08
5.8
Symmetry
R: 40/60%
S: 45/55%
Stability
00: ± 100ppm
50: ± 50ppm
25: ± 25ppm
15: ± 15ppm
XX: Two digit for Stability
Product series
Output
P: LVPECL
TPS
P
50 HM 33
S
74.250M
TR
T1
Operating Temperature
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90
S: 100
T: 105
U: 125
X:custom
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°C
Pre-heating
<10 Sec
<120 Sec
170 ±5°C
Supply Voltage
25: 2.5 Volt
30: 3.0 Volt
33: 3.3 Volt
Tristate
T1: Pin#1-En/Disable
Pin#2-N/C
T2: Pin#1-N/C
Pin#2-En/Disable
Frequency
M: MHz
Tape and Reel
TR:
500/reel
Blank: Cut tape
Dot denotes pin 1 location
8.7
14.3
MARKING
4
5
6
2
3
1
1.02


Similar Part No. - TPS

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
605Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
logo
AVX Corporation
TPS AVX-TPS Datasheet
1Mb / 13P
Low ESR
logo
Eaton All Rights Reserv...
TPS EATON-TPS Datasheet
865Kb / 4P
TPS DC non-indicating power distribution fuses
logo
Toppower Electronic Tec...
TPS TOPPOWER-TPS Datasheet
734Kb / 3P
2W 6KVDC Isolated Dual Output DC/DC Converters
logo
AVX Corporation
TPS AVX-TPS Datasheet
1Mb / 13P
Low ESR
021318
More results

Similar Description - TPS

ManufacturerPart #DatasheetDescription
logo
ILSI America LLC
ISM65 ILSI-ISM65 Datasheet
51Kb / 2P
9 mm x 14 mm FR-4 Package SMD Oscillator, LVPECL / LVDS
logo
TAITIEN ELECTRONICS CO....
XO-0044-TK TAITIEN-XO-0044-TK Datasheet
434Kb / 1P
14.3 x 8.7 mm Voltage Controlled Temperature Compensated Crystal Oscillator
logo
Transko Electronics, In...
TIS TRANSKO-TIS Datasheet
453Kb / 1P
FR-4 SMD LVDS OUTPUT OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
TPS-1236 TRANSKO-TPS-1236 Datasheet
397Kb / 2P
ULTRA LOW NOISE HCMOS OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.2: Nov. 2014
TSD TRANSKO-TSD Datasheet
286Kb / 1P
HCMOS OSCILLATOR (14.3 x 8.7 x 5.5mm)
Rev.1: 08-28-2020
TSVC TRANSKO-TSVC Datasheet
485Kb / 2P
FR4 PCB BASED 4PAD SMD CMOS/TTL/SW VCXO (14.3 x 8.7 x 5.5mm)
Rev. 2: Feb. 2015
TSVD-HCQ33S-122.880M TRANSKO-TSVD-HCQ33S-122.880M Datasheet
431Kb / 1P
FR4 PCB BASED SMD CMOS VCXO (14.3 x 8.7 x 5.0mm)
Rev. 0: May 2020
TSVD TRANSKO-TSVD Datasheet
470Kb / 2P
FR4 PCB BASED SMD HCMOS VCXO (14.3 x 8.7 x 5.5mm)
Rev. 2: Feb. 2015
TSVE TRANSKO-TSVE Datasheet
591Kb / 2P
FR4 PCB BASED SMD SINEWAVE VCXO (14.3 x 8.7 x 5.5mm)
Rev. 1: Jul. 2014
TSVF TRANSKO-TSVF Datasheet
497Kb / 2P
FR4 PCB BASED 6PAD SMD CMOS/LVDS/LVPECL VCXO (14.3 x 8.7 x 5.5mm)
Rev. 4: May 2015
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com