Electronic Components Datasheet Search
  English  ▼

X  

MBR30100CT Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # MBR30100CT
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MBR30100CT Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  MBR30100CT Datasheet HTML 1Page - SUNMATE electronic Co., LTD MBR30100CT Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.sunmate.tw
2 of 2
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, ( C )
0
20
40
60
80
100
120
140
160
180
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
NUMBER OF CYCLES AT 60Hz
400
300
200
100
0
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
1
5
10
20
50
100
TJ =25 C
°
8.3ms Single Half
Sine Wave
JEDEC method
.1
1
.01
10
0
20
40
60
80
100
120
TJ=75 C
60
50
40
30
20
10
0
°
TJ=25 C
°
°
0.1
1.0
10
0
.2
.4
.6
.8
1.0
1.2 1.4
1.6 1.8
2.0
100
5
40-45V
60V
100V
150-200V
.001
TJ=100 C
°
40-60V
100-200V
40-60V
100-200V
500



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com