Electronic Components Datasheet Search
  English  ▼

X  

MBR30L60CT Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # MBR30L60CT
Description  LOW VF SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MBR30L60CT Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  MBR30L60CT Datasheet HTML 1Page - SUNMATE electronic Co., LTD MBR30L60CT Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TA = 25
°C unless otherwise specified
Electrical Characteristics
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
CASE TEMPERATURE, ( C )
0
20
40
60
80
100
120
140
160
180
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD SURGE
CURRENT
NUMBER OF CYCLES AT 60Hz
500
400
300
200
100
0
1
5
10
20
50
100
TJ =25 C
°
8.3ms Single Half
Sine Wave
JEDEC method
30
25
20
15
10
5
0
°
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
1
10
.1
100
0
20
40
60
80
100
120
T J=2 5 C
°
0.1
1
10
.2
.3
.4
.5
.6
.7
100
5
.01
T J=125 C
°
T J =125 C
°
T J =25 C
°
T J =75 C
°
T J=75 C
°
per diode
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage per diode
VBR
IR=0.5mA
60
-
-
V
Instantaneous forward voltage per diode
VF
V
IF=15A
TJ=25ºC
-
V
IF=15A
TJ=125ºC
-
Reverse current per diode
IR
VR=60V
TJ=25ºC
-
150
uA
TJ=125ºC
-
mA
0.60
80
-
0.55
-
-
0.55
2 of 2
www.sunmate.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com