Electronic Components Datasheet Search
  English  ▼

X  

TSI21 Datasheet(PDF) 1 Page - Transko Electronics, Inc.

Part # TSI21
Description  MINIATURE SMD REAL TIME CLOCK (2.0 x 1.6 x 0.8mm)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRANSKO [Transko Electronics, Inc.]
Direct Link  https://www.transko.com/
Logo TRANSKO - Transko Electronics, Inc.

TSI21 Datasheet(HTML) 1 Page - Transko Electronics, Inc.

  TSI21 Datasheet HTML 1Page - Transko Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Transko Electronics, Inc. 3981 E. Miraloma Ave. CA 92806 USA
Tel: 714-528-8080 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
Ver. 2: Sep. 2013
Transko Cal Crystal Comclok. 3981 E. Miraloma Ave. Anaheim, CA 92806 USA
Tel: 714-528-8000 Fax: 714-528-8017 Website: www.transko.com E-mail: sales@transko.com
TSL21
RoHS
Compliant
Rev.0: Mar. 2017
MINIATURE SMD REAL TIME CLOCK (2.0 x 1.6 x 0.8mm)
FEATURES:
CMOS OUTPUT @ 32.768kHz
LOW VOLTAGE
LOW CURRENT
Transko Electronics, Inc reserves the right to make changes to the product (s), service (s), and specification (s) described herein without notice. See “Terms of Sale” for details on our website.
■ PART NUMBERING GUIDE
■ PACKAGE DIMENSIONS
■ SOLDER PATTERN
■ REFLOW PROFILE
Pin Configuration
1
En/Dis
2
GND
3
Output
4
VDD
Unit : mm
2.00
1
2
3
4
Marking
Unit :mm
0.85
0.75
1.05
1.35
Stability
00: ± 100ppm
50: ± 50ppm
20: ± 20ppm
XX: Two digit for
Stability
Product series
Output
H: CMOS
TSL21
H 20 CQ 33 S
32.768K
TR
T
Tape and Reel
TR:
3000/reel
Blank: Cut tape
Operating Temperature
A: -55
B: -50
C: -40
D: -35
E: -30
F: -20
G: -10
H: 0
J: 50
K: 60
M: 70
N: 75
P: 80
Q: 85
R: 90*
S: 100*
T: 105*
U: 125*
X:custom
Symmetry
S: 45/55%
Supply Voltage
18: 1.8 Volt
25: 2.5 Volt
33: 3.3 Volt
50: 5.0 Volt
Frequency
K: KHZ
Note: Consult factory for detail
Soldering
255 ±5°C
150 ±5°C
Pre-heating
<10 Sec
<120 Sec
170 ±5°C
Tristate
T: En/Disable
*0.01µF to 0.1µF bypass capacitor recommended
■ SPECIFICATION
FREQUENCY
32.768kHz
FREQUENCY STABILITY
±20ppm ~ ±100ppm
OPERATING TEMPERATURE RANGE
STD: 0°C ~ 70°C, Option: -40°C ~ 85°C (See P/N guide for other options)
STORAGE TEMPERATURE RANGE
-
55°C ~ 125°C
SUPPLY VOLTAGE ±10%
1.8VDC ~ 5.0VDC
SUPPLY CURRENT
240µA max.
OUTPUT
LOGIC FAMILY
CMOS
LOAD
15pF
LEVEL LOGIC ‘1’ (VOH)
0.9 x VDD min.
LEVEL LOGIC ‘0’ (VOL)
0.1 x VDD max.
SYMMETRY(DUTY CYCLE)
45% / 55% @ 1/2VDD level
RISE AND FALL TIME (Tr/Tf)
200nS Max.
START-UP TIME
10mS Max.
STAND-BY
VOLTAGE
ENABLE (VIH)
0.7 x VDD ≤ VIH ≤ VDD or N/C
DISABLE (VIL)
VIL ≤ 0.3 x VDD
AGING @ +25°C ±3°C
±3.0ppm / 1st year max.
PHASE JITTER RMS (12kHz ~ 20MHz)
1pS max.
1
2
3
4
0.70
0.575
0.475
*consult with factory for availability


Similar Part No. - TSI21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSI200B1 STMICROELECTRONICS-TSI200B1 Datasheet
162Kb / 9P
TERMINAL SET INTERFACE PROTECTION AND DIODE BRIDGE
Oct-2003
logo
Taiwan Semiconductor Co...
TSI20H100CW TSC-TSI20H100CW Datasheet
245Kb / 5P
20A, 100V - 200V Trench Schottky Rectifiers
TSI20H120CW TSC-TSI20H120CW Datasheet
245Kb / 5P
20A, 100V - 200V Trench Schottky Rectifiers
TSI20H150CW TSC-TSI20H150CW Datasheet
245Kb / 5P
20A, 100V - 200V Trench Schottky Rectifiers
TSI20H200CW TSC-TSI20H200CW Datasheet
245Kb / 5P
20A, 100V - 200V Trench Schottky Rectifiers
More results

Similar Description - TSI21

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
X21 EUROQUARTZ-X21 Datasheet
173Kb / 1P
2.0 x 1.6 x 0.6mm SMD
X21-W EUROQUARTZ-X21-W Datasheet
162Kb / 1P
2.0 x 1.6 x 0.6mm SMD
XO21 EUROQUARTZ-XO21 Datasheet
218Kb / 2P
2.0 x 1.6 x 0.75mm SMD HCMOS
logo
Transko Electronics, In...
CS21 TRANSKO-CS21 Datasheet
258Kb / 1P
ULTRA MINIATURE CERAMIC SMD CRYSTAL (2.0 x 1.6 x 0.46mm)
Rev. 7: 03-07-22
CT21 TRANSKO-CT21 Datasheet
305Kb / 1P
TEMPERATURE SENSING SMD CRYSTAL (2.0 x 1.6 x 0.8mm)
Rev. 1: 10-10-19
TP21 TRANSKO-TP21 Datasheet
304Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.0 x 1.6 x 0.75mm)
Rev 1: 11-08-2021
TSI22 TRANSKO-TSI22 Datasheet
453Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.4: Mar. 2015
TSI32 TRANSKO-TSI32 Datasheet
470Kb / 1P
MINIATURE SMD REAL TIME CLOCK (3.2 x 2.5 x 1.0mm)
Rev.7: Aug. 2015
TSI53 TRANSKO-TSI53 Datasheet
412Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TSM21 TRANSKO-TSM21 Datasheet
292Kb / 1P
ULTRA MINIATURE SMD HCMOS OSCILLATOR (2.0 x 1.6 x 0.9mm)
Rev 4: 02-24-2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com