Electronic Components Datasheet Search
  English  ▼

X  

LT6000CDCB Datasheet(PDF) 10 Page - Linear Technology

Part # LT6000CDCB
Description  Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6000CDCB Datasheet(HTML) 10 Page - Linear Technology

Back Button LT6000CDCB Datasheet HTML 6Page - Linear Technology LT6000CDCB Datasheet HTML 7Page - Linear Technology LT6000CDCB Datasheet HTML 8Page - Linear Technology LT6000CDCB Datasheet HTML 9Page - Linear Technology LT6000CDCB Datasheet HTML 10Page - Linear Technology LT6000CDCB Datasheet HTML 11Page - Linear Technology LT6000CDCB Datasheet HTML 12Page - Linear Technology LT6000CDCB Datasheet HTML 13Page - Linear Technology LT6000CDCB Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
LT6000/LT6001/LT6002
600012fa
10
TYPICAL PERFOR A CE CHARACTERISTICS
1.5V
0.25V
100
µs/DIV
AV = 1
VS = 1.8V, 0V
CL = 100pF
RL = 10k
60012 G29
20mV/DIV
10
µs/DIV
AV = 1
VS = ±2.5V
CL = 100pF
RL = 100k
60012 G30
Large-Signal Response
Small-Signal Response
Total Supply Current
vs SHDN Pin Voltage (LT6001DD)
SHDN PIN VOLTAGE (V)
0
0
10
30
40
50
0.4
0.8 1.0
1.8
60012 G31
20
0.2
0.6
1.2 1.4 1.6
VS = 1.8V, 0V
TA = 125°C
TA = –55°C
TA = 25°C
Total Supply Current
vs SHDN Pin Voltage (LT6001DD)
SHDN PIN VOLTAGE (V)
0
20
40
60
10
30
50
–3
–1
1
3
60012 G32
5
–4
–5
–2
0
2
4
VS = ±5V
TA = 125°C
TA = –55°C
TA = 25°C
0V
VSHDN
VOUT
0V
500
µs/DIV
VIN = 1V
AV = 1
VS = 1.8V, 0V
RL = 100k
60012 G33
Shutdown Response
(LT6000/LT6001DD)
Large-Signal Response
4.5V
0.5V
100
µs/DIV
AV = 1
VS = 5V, 0V
CL = 100pF
RL = 10k
60012 G28
Supply Current
vs SHDN Pin Voltage (LT6000)
Supply Current
vs SHDN Pin Voltage (LT6000)
SHDN PIN VOLTAGE (V)
0
0
5
15
20
25
0.4
0.8 1.0
1.8
60012 G37
10
0.2
0.6
1.2 1.4 1.6
30
VS = 1.8V, 0V
TA = 125°C
TA = –55°C
TA = 25°C
SHDN PIN VOLTAGE (V)
0
10
20
30
5
15
25
–3
–1
1
3
60012 G34
5
–4
–5
–2
0
2
4
TA = 125°C
VS = ±5V
TA = –55°C
TA = 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com