Electronic Components Datasheet Search
  English  ▼

X  

LT6000IDCB Datasheet(PDF) 20 Page - Linear Technology

Part # LT6000IDCB
Description  Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6000IDCB Datasheet(HTML) 20 Page - Linear Technology

Back Button LT6000IDCB Datasheet HTML 12Page - Linear Technology LT6000IDCB Datasheet HTML 13Page - Linear Technology LT6000IDCB Datasheet HTML 14Page - Linear Technology LT6000IDCB Datasheet HTML 15Page - Linear Technology LT6000IDCB Datasheet HTML 16Page - Linear Technology LT6000IDCB Datasheet HTML 17Page - Linear Technology LT6000IDCB Datasheet HTML 18Page - Linear Technology LT6000IDCB Datasheet HTML 19Page - Linear Technology LT6000IDCB Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
LT6000/LT6001/LT6002
600012fa
20
RELATED PARTS
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2005
LT 0406 REV A • PRINTED IN USA
TYPICAL APPLICATIO
Low Power V-to-F Converter
A2
1/2 LT6001
2
1M
1M
1M
2M
VREF
VREF
1M
VREF
VREF
VIN
VREF
42.2k
1
7
8
4
0.1
µF
42.2k
2M
2M
42.2k
TP0610
2N7002
3
A1
1/2 LT6001
5
6
8
7
VOUT
6
5
2
1
LTC
®1440
3
1000pF
FREQUENCY OUT
≈ 7.5Hz/mV • VIN
LINEARITY
≈ 5%, VIN 20mV TO 800mV
ISUPPLY ≈ 60µA TO 100µA
DIODES:
CENTRAL SEMI
CMOD3003
×4
0.1
µF
0.1
µF
1
µF
VREF
VS
4.3V TO 20V
6
60012 TA03
2
1
4
LT1790-4.096
–
+
LT6000
1.8V
VOUT
VIN1
SHDN
–
+
LT6000
1.8V
60012 TA04a
VIN2
INPUT
SELECT
SHDN
SN74LVC2604
MUX Amplifier
PART NUMBER
DESCRIPTION
COMMENTS
LT2178/LT2179
17
µA Dual/Quad Single Supply Op Amps
120
µV VOS(MAX), Gain Bandwidth = 60kHz
LT1490A/LT1491A
50
µA Dual/Quad Over-The-Top® Rail-to-Rail Input and Output Op Amps
950
µV VOS(MAX), Gain Bandwidth = 200kHz
LT1494/LT1495/LT1496
1.5
µA Max Single/Dual/Quad Over-The-Top Precision Rail-to-Rail Input
375
µV VOS(MAX), Gain Bandwidth = 2.7kHz
and Output Op Amps
LT1672/LT1673/LT1674
2
µA Max, AV ≥ 5, Single/Dual/Quad Over-The-Top Precision Rail-to-Rail
Gain of 5 Stable, Gain Bandwidth = 12kHz
Input and Output Op Amps
LT1782
Micropower, Over-The-Top SOT-23 Rail-to-Rail Input and Output Op Amps
SOT-23, 800
µV VOS(MAX), IS = 55µA (Max),
Gain Bandwidth = 200kHz, Shutdown Pin
Over-The-Top is a registered trademark of Linear Technology Corporation.
VOUT
5ms/DIV
60012 TA04b
VS = 1.8V
VIN1 = 250Hz AT 1VP-P
VIN2 = 500Hz AT 0.5VP-P
INPUT SELECT = 25Hz AT 1.8VP-P
INPUT
SELECT
MUX Amplifier Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com