Electronic Components Datasheet Search
  English  ▼

X  

LM78L08F Datasheet(PDF) 13 Page - HTC Korea TAEJIN Technology Co.

Part # LM78L08F
Description  FIXED VOLTAGE REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM78L08F Datasheet(HTML) 13 Page - HTC Korea TAEJIN Technology Co.

Back Button LM78L08F Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM78L08F Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM78L08F Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM78L08F Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM78L08F Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co. LM78L08F Datasheet HTML 10Page - HTC Korea TAEJIN Technology Co. LM78L08F Datasheet HTML 11Page - HTC Korea TAEJIN Technology Co. LM78L08F Datasheet HTML 12Page - HTC Korea TAEJIN Technology Co. LM78L08F Datasheet HTML 13Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
FIXED VOLTAGE REGULATOR
LM78L24
LM78L24 ELECTRICAL CHARACTERISTICS
(At specified virtual junction temperature, VI=32V, IO=40㎃ (unless otherwise noted)
Characteistic
Symbol
Test condition *
Min.
Typ.
Max.
Unit
Output voltage **
VOUT
25℃
23
24
25
1㎃≤IO≤40㎃
0℃ ∼ 125℃
22.8
24
25.2
V
26.5V≤VI≤39V
1㎃≤IO≤70㎃
22.8
24
25.2
Line regulation
Reg line
26.5V≤VI≤39V
25℃
95
480
㎷
29V≤VI≤39V
78
400
Load regulation
Reg load
1㎃≤IO≤100㎃
25℃
41
240
㎷
1㎃≤IO≤40㎃
28
120
Bias current
IB
25℃
4.8
6.5
㎃
125℃
6
Bias current change
△IB
28V≤VI≤39V
0℃ ∼ 125℃
1.5
㎃
1㎃≤IO≤40㎃
0.1
Output noise voltage
VN
10Hz≤f≤100kHz
25℃
82
㎶
Ripple rejection
RR
27.5V≤VI≤37.5V
f=120Hz
25℃
30
33
㏈
Dropout voltage
VD
25℃
1.7
V
Notes
*. Pulse testing techniques are used to maintain the junction temperature as close to the
ambient temperature as possible.
Thermal effects must be taken into account separately.
All characteristics are measured with a 0.33㎌ capacitor across the input and a 0.1㎌
capacitor across the output.
**. This specification applies only for DC power dissipation permitted by absolute maximum
ratings.
Mar. 2006 - Rev 06
HTC
38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com