Electronic Components Datasheet Search
  English  ▼

X  

PEMH7 Datasheet(PDF) 3 Page - Nexperia B.V. All rights reserved

Part # PEMH7
Description  PNP/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = open
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PEMH7 Datasheet(HTML) 3 Page - Nexperia B.V. All rights reserved

  PEMH7 Datasheet HTML 1Page - Nexperia B.V. All rights reserved PEMH7 Datasheet HTML 2Page - Nexperia B.V. All rights reserved PEMH7 Datasheet HTML 3Page - Nexperia B.V. All rights reserved PEMH7 Datasheet HTML 4Page - Nexperia B.V. All rights reserved PEMH7 Datasheet HTML 5Page - Nexperia B.V. All rights reserved PEMH7 Datasheet HTML 6Page - Nexperia B.V. All rights reserved PEMH7 Datasheet HTML 7Page - Nexperia B.V. All rights reserved PEMH7 Datasheet HTML 8Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2003 Oct 15
3
NXP Semiconductors
Product data sheet
PNP/PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = open
PEMB3; PUMB3
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
Device mounted on an FR4 printed-circuit board, single-sided copper, standard footprint.
2.
Reflow soldering is the only recommended soldering method.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PEMB3
−
plastic surface mounted package; 6 leads
SOT666
PUMB3
−
plastic surface mounted package; 6 leads
SOT363
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per transistor
VCBO
collector-base voltage
open emitter
−
−50
V
VCEO
collector-emitter voltage
open base
−
−50
V
VEBO
emitter-base voltage
open collector
−
−5
V
IO
output current (DC)
−
−100
mA
ICM
peak collector current
−
−100
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT363
note 1
−
200
mW
SOT666
notes 1 and 2
−
200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
−
150
°C
Tamb
operating ambient temperature
−65
+150
°C
Per device
Ptot
total power dissipation
Tamb ≤ 25 °C
SOT363
note 1
−
300
mW
SOT666
notes 1 and 2
−
300
mW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com