Electronic Components Datasheet Search
  English  ▼

X  

LT6001CDD Datasheet(PDF) 5 Page - Linear Technology

Part # LT6001CDD
Description  Single, Dual and Quad, 1.8V, 13uA Precision Rail-to-Rail Op Amps
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6001CDD Datasheet(HTML) 5 Page - Linear Technology

  LT6001CDD Datasheet HTML 1Page - Linear Technology LT6001CDD Datasheet HTML 2Page - Linear Technology LT6001CDD Datasheet HTML 3Page - Linear Technology LT6001CDD Datasheet HTML 4Page - Linear Technology LT6001CDD Datasheet HTML 5Page - Linear Technology LT6001CDD Datasheet HTML 6Page - Linear Technology LT6001CDD Datasheet HTML 7Page - Linear Technology LT6001CDD Datasheet HTML 8Page - Linear Technology LT6001CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LT6000/LT6001/LT6002
5
600012fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
LT6001MS8
200
600
µV
0
°C ≤ TA ≤ 70°C
●
800
µV
–40
°C ≤ TA ≤ 85°C
●
950
µV
LT6000DCB, LT6001DD, LT6002GN
250
750
µV
0
°C ≤ TA ≤ 70°C
●
1000
µV
–40
°C ≤ TA ≤ 85°C
●
1200
µV
LT6002DHC
300
900
µV
0
°C ≤ TA ≤ 70°C
●
1100
µV
–40
°C ≤ TA ≤ 85°C
●
1300
µV
VCM = V+
LT6001MS8
400
1000
µV
●
1300
µV
VCM = V+
LT6000DCB, LT6001DD, LT6002GN
500
1200
µV
●
1550
µV
VCM = V+
LT6002DHC
500
1300
µV
●
1700
µV
∆VOS/∆T
Input Offset Voltage Drift (Note 5)
VCM = VS/2
●
25
µV/°C
IB
Input Bias Current
VCM = VS/2
●
–6
–2
nA
VCM = V–
●
–6
–2
nA
VCM = V+
●
4
12
nA
IOS
Input Offset Current
VCM = VS/2
●
0.2
1.2
nA
VCM = V
–
●
0.2
1.2
nA
VCM = V+
●
0.4
2.4
nA
Input Noise Voltage
0.1Hz to 10Hz
1.2
µVP-P
en
Input Voltage Noise Density
f = 1kHz
75
nV/
√Hz
in
Input Current Noise Density
f = 1kHz
25
fA/
√Hz
RIN
Input Resistance
Common Mode (VCM = 0V to 3.8V)
3.5
G
Ω
Differential
●
8.5
25
M
Ω
CIN
Input Capacitance
5pF
CMRR
Common Mode Rejection Ratio
VCM = 0V to 3.8V, 0°C ≤ TA ≤ 70°C
●
90
105
dB
VCM = 0.1V to 3.8V, –40°C ≤ TA ≤ 85°C
●
90
105
dB
VCM = 0V to 5V
●
68
86
dB
Input Voltage Range
●
05
V
PSRR
Power Supply Rejection Ratio
VS = 1.8V to 16V
●
86
100
dB
VCM = VO = 0.5V
Minimum Supply
●
1.8
V
AVOL
Large-Signal Gain
VO = 0.5V to 4.5V
RL = 100k to VS/2
30
60
V/mV
RL = 100k to VS/2
●
25
V/mV
RL = 10k to VS/2
16
25
V/mV
RL = 10k to VS/2
●
10
V/mV
RL = 10k to GND
160
1000
V/mV
RL = 10k to GND
●
80
V/mV
VOL
Output Swing Low (Note 6)
Input Overdrive = 30mV
No Load
●
30
60
mV
ISINK = 100µA
●
120
200
mV
ISINK = 500µA
●
180
300
mV
ELECTRICAL CHARACTERISTICS The ● denotes specifications which apply over the full specified temperature
range, otherwise specifications are TA = 25°C. VS = 5V, 0V, VCM = VOUT = 1/2 Supply. For the LT6000 and the LT6001DD, VSHDN = V+,
unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com