Electronic Components Datasheet Search
  English  ▼

X  

BU2508DF Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BU2508DF
Description  Silicon Diffused Power Transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2508DF Datasheet(HTML) 5 Page - NXP Semiconductors

  BU2508DF Datasheet HTML 1Page - NXP Semiconductors BU2508DF Datasheet HTML 2Page - NXP Semiconductors BU2508DF Datasheet HTML 3Page - NXP Semiconductors BU2508DF Datasheet HTML 4Page - NXP Semiconductors BU2508DF Datasheet HTML 5Page - NXP Semiconductors BU2508DF Datasheet HTML 6Page - NXP Semiconductors BU2508DF Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2508DF
Fig.13. Forward bias safe operating area. T
hs = 25˚C
I
Region of permissible DC operation.
II
Extension for repetitive pulse operation.
NB:
Mounted with heatsink compound and
30
± 5 newton force on the centre of
the envelope.
Fig.14. Forward bias safe operating area. T
hs = 25˚C
I
Region of permissible DC operation.
II
Extension for repetitive pulse operation.
NB:
Mounted without heatsink compound and
30
± 5 newton force on the centre of
the envelope.
1
10
100
1000
100
10
1
0.1
0.01
tp =
10 us
100 us
1 ms
10 ms
DC
IC / A
VCE / V
ICM max
IC max
= 0.01
II
I
Ptot max
1
10
100
1000
100
10
1
0.1
0.01
tp =
10 us
100 us
1 ms
10 ms
DC
IC / A
VCE / V
ICM max
IC max
= 0.01
II
I
Ptot max
July 1998
5
Rev 1.600



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com