Electronic Components Datasheet Search
  English  ▼

X  

UPC1933 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPC1933
Description  BiCMOS INTEGRATED CIRCUIT
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1933 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPC1933 Datasheet HTML 10Page - Renesas Technology Corp UPC1933 Datasheet HTML 11Page - Renesas Technology Corp UPC1933 Datasheet HTML 12Page - Renesas Technology Corp UPC1933 Datasheet HTML 13Page - Renesas Technology Corp UPC1933 Datasheet HTML 14Page - Renesas Technology Corp UPC1933 Datasheet HTML 15Page - Renesas Technology Corp UPC1933 Datasheet HTML 16Page - Renesas Technology Corp UPC1933 Datasheet HTML 17Page - Renesas Technology Corp UPC1933 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
Data Sheet G13690EJ3V0DS00
12
µµµµ PC1933
2.5
PWM Comparator
The output ON duty is controlled according to the outputs of the error amplifier.
A triangular waveform is input to the inverted pin, and the error amplifier output and Dead Time Control pin voltage (fixed
internally) are input to the non-inverted pins of the PWM comparator. Therefore, the output transistor ON period is the
period when the triangular waveform is lower than the error amplifier output and Dead Time Control pin voltage (fixed
internally) (refer to Timing Chart).
2.6
Timer Latch-Method Short Circuit Protection Circuit
When the output of the converter drops, the non-inverted input pin (1 pin) voltage of the error amplifier drops, and the
FB output of the error amplifier of the output goes high. If the FB output exceeds the timer latch input detection voltage
(VTH = 1.92 V), then the output of the SCP comparator goes low, and Q1 goes off.
When Q1 turns OFF, the constant-current supply charges CDLY via the DLY pin. The DLY pin is internally connected to a
flip-flop. When the DLY pin voltage reaches the UV detection voltage (VUV = 0.7 V (TYP.)), the output Q of the flip-flop goes
low, and the output stage is latched to OFF (refer to Figure 2-1 Block Diagram).
Make the power supply voltage briefly less than the reset voltage (VCCR, 1.0 V TYP.) to reset the latch circuit when the
short-circuit protection circuit has operated.
2.7
Output Circuit
The output circuit has an N-channel open-drain output providing an output withstand voltage of 30 V (absolute maximum
rating), and an output current of 21 mA (absolute maximum rating).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com