Electronic Components Datasheet Search
  English  ▼

X  

UPC1944 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # UPC1944
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC1944 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button UPC1944 Datasheet HTML 3Page - Renesas Technology Corp UPC1944 Datasheet HTML 4Page - Renesas Technology Corp UPC1944 Datasheet HTML 5Page - Renesas Technology Corp UPC1944 Datasheet HTML 6Page - Renesas Technology Corp UPC1944 Datasheet HTML 7Page - Renesas Technology Corp UPC1944 Datasheet HTML 8Page - Renesas Technology Corp UPC1944 Datasheet HTML 9Page - Renesas Technology Corp UPC1944 Datasheet HTML 10Page - Renesas Technology Corp UPC1944 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Data Sheet G10239EJ4V0DS
5
μ PC1943,1944
0
20
40
60
80
100 120
1.0
−20
0
2.0
3.0
4.0
VKA = VREF, IK = 10 mA,
R1 = 10 k
Ω, R2 =
∞
TA - Operating Ambient Temperature -
°C
IREF vs TA
Note2
0
20406080
100 120
−20
0
0.1
0.2
VKA = 24 V
VREF = 0 V
TA - Operating Ambient Temperature -
°C
IKoff vs TA
Note2
1k
10k
100k
1M
10M
0
−20
20
40
60
−90
−180
−270
0
+90
f - Frequency - Hz
Av,
vs f
φ
220
Ω
10 k
Ω
IK
10 k
Ω
(IK = 10 mA)
υo
υin
Av
φ
1k
10k
100k
1M
10M
1.0
0.1
10
50
f - Frequency - Hz
| ZKA | vs f
VKA = VREF
1 mA
≤ IK ≤ 30 mA
0.001
0.01
0.1
1
10
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
CKA - Lode Capacitance -
F
Stability Area
Test Circuit
a:
b, c:
CKA: Monolithic Ceramic Capacitor
a
b
c
a: VKA = VREF
b: VKA = 3 V
c: VKA = 5 V
Unstable
Stable
Stable
μ
150
Ω
IKA
CKA
CKA
150
Ω
10 k
Ω
R
IKA
Notes 1. This graph shows the absolute maximum rating, while the other graphs show standard characteristics.
Be sure to use the devices within the ranges delimited by the solid lines shown for each device.
2. In this temperature characteristics graph, the ratings for the operating ambient temperatures are indicated
by a solid line, and the ratings for the operating junction temperatures are indicated by a dashed line.
Caution of Stability Area
If the Aluminum electrolytic capacitor is used, it should be kept CKA
≥ 6.8
μF. Please note Temperature characteristic
and Electrical characteristic by capacitor type etc.
<R>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com