Electronic Components Datasheet Search
  English  ▼

X  

24-003641 Datasheet(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

Part # 24-003641
Description  D-SUB PI-Filter Male 37pos. with threaded rear spacer clip
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

24-003641 Datasheet(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  24-003641 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 24-003641 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
A
A
B
B
C
C
D
D
Part-no. CONEC ABC
scale
/Maßstab:
15.02.2022
15.02.2022
Lehmenkühler
Name
Henneboel
R
dim. in mm
24K1A2187
dwg no /
Z.-nr.:
RoHS compliant/konform
Date/Datum
appd./
gepr..
drawn/
gez.
DIN-
A3
D-SUB PI-Filter Male 37pos.
with threaded rear spacer clip
D-SUB PI-Filter Stiftleiste 37pol.
mit Gewinde-Abstandsbolzen-Clip
2:1
Index:
a Original
2 / 2
PCB hole drillings
(PCB top side)/
Leiterplattenbohrbild
(Leiterplatten Oberseite)
1,4 `0,1
4,14 `0,1
1
0,6
n
`0,05
37x
10°
55,3 - 0
0,25
+
63,5 `0,13
69,39 - 0,45
0,31
+
4-40 UNC
8,26 - 0,03
0,22
+
6,91 `0,1
9,68 `0,1
12,42 `0,1
15,19 `0,1
17,96 `0,1
20,7 `0,1
23,47 `0,1
2,77 `0,1
5,54 `0,1
8,28 `0,1
11,05 `0,1
13,82 `0,1
16,56 `0,1
19,33 `0,1
22,1 `0,1
24,84 `0,1
3,1 `0,1
2x n
1 - 0
0,1
+
37x n
63,5 `0,13



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com