Electronic Components Datasheet Search
  English  ▼

X  

UPC2905AHF Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # UPC2905AHF
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC2905AHF Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPC2905AHF Datasheet HTML 6Page - Renesas Technology Corp UPC2905AHF Datasheet HTML 7Page - Renesas Technology Corp UPC2905AHF Datasheet HTML 8Page - Renesas Technology Corp UPC2905AHF Datasheet HTML 9Page - Renesas Technology Corp UPC2905AHF Datasheet HTML 10Page - Renesas Technology Corp UPC2905AHF Datasheet HTML 11Page - Renesas Technology Corp UPC2905AHF Datasheet HTML 12Page - Renesas Technology Corp UPC2905AHF Datasheet HTML 13Page - Renesas Technology Corp UPC2905AHF Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
μPC2933A,2905A
Chapter Title
R03DS0029EJ0400 Rev.4.00
Page 10 of 12
Mar 16, 2011
μ PC2933AHB, μ PC2905AHB
SC-64 (MP-3) (Unit: mm)
12
3
4
2.3
2.3
1.1
±0.1
0.5
5.0
±0.2
6.5
±0.2
+0.2
−0.1
2.3
±0.2
0.5
±0.1
0.5 +
0.2
−0.1
μ PC2933AT, μPC2905AT
SC-63 (MP-3Z) (Unit: mm)
1
23
4
6.5
±0.2
4.4
±0.2
5.0
±0.2
0.5
±0.1
0.5
±0.1
2.3
±0.3
2.3
±0.3
2.3
±0.2
0.5
±0.1
Note
Note
0.15
±0.15
Note The depth of notch at the top of the fin is from 0 to 0.2 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com