Electronic Components Datasheet Search
  English  ▼

X  

UPC3231GV Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPC3231GV
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC3231GV Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPC3231GV Datasheet HTML 9Page - Renesas Technology Corp UPC3231GV Datasheet HTML 10Page - Renesas Technology Corp UPC3231GV Datasheet HTML 11Page - Renesas Technology Corp UPC3231GV Datasheet HTML 12Page - Renesas Technology Corp UPC3231GV Datasheet HTML 13Page - Renesas Technology Corp UPC3231GV Datasheet HTML 14Page - Renesas Technology Corp UPC3231GV Datasheet HTML 15Page - Renesas Technology Corp UPC3231GV Datasheet HTML 16Page - Renesas Technology Corp UPC3231GV Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
15
10
5
0
–5
–10
–15
–20
f = 45 MHz
VAGC = 0 V
–80 –70 –60 –50 –40 –30 –20
0
10
–10
15
10
5
0
–5
–10
–15
–20
f = 45 MHz
VAGC = 1.0 V
–80 –70 –60 –50 –40 –30 –20
0
10
–10
15
10
5
0
–5
–10
–15
–20
f = 45 MHz
VAGC = 3.0 V
–80 –70 –60 –50 –40 –30 –20
0
10
–10
15
10
5
0
–5
–10
–15
–20
VCC = 5.0 V
f = 45 MHz
VAGC = 1.0 V
–80 –70 –60 –50 –40 –30 –20
0
10
–10
15
10
5
0
–5
–10
–15
–20
VCC = 5.0 V
f = 45 MHz
VAGC = 0 V
–80 –70 –60 –50 –40 –30 –20
0
10
–10
15
10
5
0
–5
–10
–15
–20
VCC = 5.0 V
f = 45 MHz
VAGC = 3.0 V
–80 –70 –60 –50 –40 –30 –20
0
10
–10
–90
VCC = 4.5 V
5.0 V
5.5 V
TA = –40˚C
+25˚C
+85˚C
–90
–90
VCC = 4.5 V
5.0 V
5.5 V
–90
TA = –40˚C
+25˚C
+85˚C
–90
VCC = 4.5 V
5.0 V
5.5 V
–90
TA = –40˚C
+25˚C
+85˚C
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
OUTPUT POWER vs. INPUT POWER
Input Power Pin (dBm)
Remark The graphs indicate nominal characteristics.
Data Sheet PU10658EJ01V0DS
11
μPC3231GV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com