Electronic Components Datasheet Search
  English  ▼

X  

LM317F Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM317F
Description  ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM317F Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM317F Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM317F Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM317F Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)
LM317L
ABSOLUTE MAXIMUM RATINGS (TA=25℃, unless otherwise specified)
Input-output Voltage Differential
Lead Temperature
Power Dissipation
Operating Temperature Range
Storage Temperature Range
ELECTRICAL CHARACTERISTICS
(VI-Vo=5V, Io=0.5A, 0℃≤TJ≤125℃, IMAX=1.5A, PMAX= 1.5 W, unless otherwise specified)
Characteristic
Min.
Typ.
Max.
Unit
Line Regulation
3V≤VI-Vo≤40V
0.01
0.04
%/V
3V≤VI-Vo≤40V
0.02
0.07
%/V
10
25
㎷
Load Regulation
0.1
0.5
%/Vo
20
70
㎷
0.3
1.5
%/Vo
Adjustable Pin Current
46
100
㎂
Adjustable Pin Current
Change
0.2
5
㎂
Reference Voltage
1.20
1.25
1.30
V
Temperature Stability
0.7
%/Vo
Minimum Load Current to
3.5
10
㎃
Maintain Regulation
Maximum Output Current
100
200
mA
0.156
0.4
RMS Noise, % of VOUT
0.003
0.01
%/Vo
Ripple Rejection
60
㏈
66
75
Long-Term Stability,
0.3
1
%
TJ=THIGH
* Load and line regulation are specified at constant junction temperature. Change in VD
due to heating effects must be taken into account separately. Pulse testing with low duty is used.
(Pmax = 1500 mW)
HTC
VI-Vo=40V
measurements, 1000HR
Vo=10V, f=120Hz
without CADJ
CADJ=10 ㎌
ST
RR
Vo≤5V
Vo≥5V
△IADJ
TA=25℃, for end point
PD≤PMAX
TA=25℃, 10Hz≤f≤10KHz
Io(MAX)
VI-Vo≤5V, PD≤PMAX
VI-Vo≤40V, PD≤PMAX, TA=25℃
VREF
10㎃≤Io≤IMAX
Vo≥5V
10㎃≤Io≤IMAX
P≤PMAX
3V≤VIN-VOUT≤40V
△Vo
3V≤VI-Vo≤40V
10㎃≤Io≤IMAX
IADJ
eN
STT
L(MIN)
Symbol
△Vo
TA=0 ∼ 125℃
TA=25℃, 10㎃≤Io≤IMAX
Vo≤5V
Value
VI-Vo
Test condition
Internally limited
℃
-65 ∼ +125
V
℃
℃
40
230
Unit
55
TLEAD
PD
TOPR
-
TSTG
0 ∼ +125
Symbol
Characteristic



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com