Electronic Components Datasheet Search
  English  ▼

X  

LM2931 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # LM2931
Description  0.1A LOW DROPOUT VOLTAGE REGULATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2931 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  LM2931 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2931 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1A LOW DROPOUT VOLTAGE REGULATORS
LM2931
ABSOLUTE MAXIMUM RATINGS
Lead Temperature (Soldering, 5 seconds)
Storage Temperature Range
Operating Junction Temperature Range
Input Supply Voltage
ELECTRICAL CHARACTERISTICS(at Tj=25℃, Io=100㎂, Vin=14V, Co=100㎌ ; unless otherwise noted)
-25℃ ≤TJ ≤85℃
0.985|V0|
1.015|V0|
Full Operating Temperature
0.980|V0|
1.020|V0|
Output Voltage (Fixed Model)
100㎂≤IL≤100㎃,TJ≤TJMAX
0.975|V0|
1.025|V0|
Input Supply Voltage
Output Voltage Temperature Coefficient
(Note 1)
Line Regulation (Note 2)
13V≤VIN≤26V (Note 3)
Load Regulation (Note 2)
1mA≤IL≤100㎃
IL=10mA
IL=100㎃
IL=100㎂
IL=10㎃
IL=100㎃
Dropout Ground Current (Note 5)
VIN=V0-0.5V, IL=100㎂
Current Limit
VOUT=0
Thermal Regulation (Note 6)
CL=2.2㎌
CL=3.3㎌
CL=33㎌
Shutdown Input
Low (Regulator ON)
High (Regulator OFF)
VS=2.4V
VS=26V
(Note 8)
Note 1 : Output or reference voltage temperature coefficients defined as the worst case voltage change divided by the
total temperature range.
Note 2 : Regulations is measured at constant junction temperature, using pulse testing with a low duty cycle.
Changes in output voltage due to heating effects are covered under the specification for thermal regulation.
Note 3 : Line regulation is tested at 150℃ for IL = 1mA. For IL = 100㎂ and TJ = 125℃, line regulation is guaranteed by
value measured at 1V differential.
Note 4 : Dropout voltage is defined as the input to output differential at which the output voltage drops 2%
below its nominal value measured at 1V differential.
Note 5 : Ground pin current is the regulator quiescent current. The Total current drawn from the source is the sum of the
ground pin current and output load current.
Note 6 : Thermal Regulation is the change in output voltage at a time T after a change in power dissipation, excluding
load or line regulation effects. Specifications are for a 50mA load puls (1.25W) for T = 10ms
Note 7 : VREF≤VOUT≤(VIN-1V), 2.3V≤VIN≤26V, 100㎂≤IL≤100㎃, TJ≤TJMAX
Note 8 : Vshuntdown≥2V, V IN≤26V, Vout≤0V
HTC
120
V
㎂
30
50
600
10
450
μVr㎳
0.05
500
350
㎂
㎃
%/W
0.2
170
200
110
160
CONDITIONS (Note 2)
PARAMETER
MIN
TYP
V0
0.1
Shutdown Pin Input Current
Input Logic Voltage
Output Voltage (Fixed Model)
Dropout Voltage (Note 4)
Ground Current (Note 5)
Output Noise, 10Hz to 100kHz IL = 10 mA
2.0V≤VOUT<3.3V
Regulator Output Current Shutdown
20
30
-20 to +30V
5.0V≤VOUT<15.0V
3.3V≤VOUT<5.0V
300
100
V0
V
50
0.1
ppm/℃
INTERNALLY LIMITED
260℃
-65℃ to +150℃
-55℃ to +150℃
200
600
%
%
㎷
UNITS
60
MAX
150
2
POWER DISSIPATION
2
1.3
0.7
㎃
26
0.9
1.5
0.4
0.3
㎂
150
12
8



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com