Electronic Components Datasheet Search
  English  ▼

X  

690367190872 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 690367190872
Description  WR-MM Female Connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

690367190872 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  690367190872 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 690367190872 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 690367190872 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 690367190872 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 690367190872 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany. 690367190872 Datasheet HTML 6Page - Wurth Elektronik GmbH & Co. KG, Germany. 690367190872 Datasheet HTML 7Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Packaging Specification - Tube: [mm]
NB: Actual packaging may slightly differ from datasheet
L
TUB
H TUB
T TUB
LTUB (mm)
WTUB (mm)
HTUB (mm)
TTUB (mm)
Packaging
Unit
Material
typ.
typ.
typ.
typ.
pcs.
600
12.5
6.4
0.5
39
Plastic
detail A
Tube
A
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CHECKED
REVISION
DATE (YYYY-MM-DD)
GENERAL TOLERANCE
PROJECTION
METHOD
ATo
002.000
2021-08-18
DIN ISO 2768-1m
DESCRIPTION
WR-MM Female Connector
ORDER CODE
690367190872
SIZE/TYPE
BUSINESS UNIT
STATUS
PAGE
with Latch and without Polarization
eiCan
Valid
3/7
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com