Electronic Components Datasheet Search
  English  ▼

X  

LM39300 Datasheet(PDF) 5 Page - HTC Korea TAEJIN Technology Co.

Part # LM39300
Description  3A Low-Voltage Low-Dropout Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM39300 Datasheet(HTML) 5 Page - HTC Korea TAEJIN Technology Co.

  LM39300 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM39300 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM39300 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM39300 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM39300 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM39300 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM39300 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM39300 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3A Low-Voltage Low-Dropout Regulator
LM39300/39301/39302
Note 1. Exceeding the absolute maximum ratings may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handling precautions recommended.
Note 4. PD(max) = (TJ(max) – TA)
θJA, where θJA depends upon the printed circuit layout. See “Applications Information.”
Note 5.Vout temperature coefficient is ∆VOUT(worst case) (TJ(max) – TJ(min)) where TJ(max) is +125℃ and TJ(min) is 0℃
Note 6. VDO = VIN – VOUT when VOUT decreases to 99% of its nominal output voltage with V IN = VOUT + 1V.
Note 7. IGND is the quiescent current. IIN = I GND + IOUT.
Note 8. VEN 0.8V, VIN 8V, and VOUT = 0V
Note 9. For a 2.5V device, V IN = 2.250V (device is in dropout).
Note 10.VREF ≤ VOUT ≤ (VIN – 1V), 2.25V ≤ VIN ≤ 16V, 10mA ≤ IL ≤ 1A, TJ = TMAX.
TYPICAL PERFORMANCE CHARACTERISTICS
HTC
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com