Electronic Components Datasheet Search
  English  ▼

X  

LM3843AD Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

Part # LM3843AD
Description  CURRENT MODE PWM CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM3843AD Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM3843AD Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM3843AD Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM3843AD Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM3843AD Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM3843AD Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM3843AD Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM3843AD Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CURRENT MODE PWM CONTROLLER
LM3842A/3A/4A/5A
Fig.1 Open Loop Test Circuit
High peak currents associated with capacitive loads necessitate careful grounding techniques
Timing and bypass capacitors should be connected close to pin 5 in a single point ground.
The transistor and 5KΩ potentiometer are used to sample the oscillator waveform and apply an
adjustable ramp to pin 3.
Fig.2 Under Voltage Lockout
LM3842A
LM3843A/5A
VON
16V
8.4V
VOFF
10V
7.6V
During Under-Voltage Lock-Out, the output driver is biased to a high impedance state.
Pin 6 should be shunted to ground with a bleeder resistor to prevent activating the power switch
with output leakage current.
Fig.3 Error Amp Configuration
HTC
3
1
2
3
4
8
7
6
5
COMP
VREF
VFB
VC
OUTPUT
GND
ISENSE
RT/CT
LM3842A
0.1
0.1
A
CT
OUTPUT
1K/1W
VREF
V1
RT
100K
2N
2222
4.7K
1K
5K
ISENSE
ADJUST
4.7K
E/A
ADJUST
Error amp can source or sink up to 0.5mA
2
1
-
+
Zi
Zf
COMP
VFB
0.5mA
2.5V
7
ON/OFF COMMAND
TO REST OF IC
< 15mA
< 1mA
VOFF VON
VCC
ICC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com