Electronic Components Datasheet Search
  English  ▼

X  

LM39102 Datasheet(PDF) 1 Page - HTC Korea TAEJIN Technology Co.

Part # LM39102
Description  1A Low-Voltage Low-Dropout Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM39102 Datasheet(HTML) 1 Page - HTC Korea TAEJIN Technology Co.

  LM39102 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM39102 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM39102 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM39102 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. LM39102 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co. LM39102 Datasheet HTML 6Page - HTC Korea TAEJIN Technology Co. LM39102 Datasheet HTML 7Page - HTC Korea TAEJIN Technology Co. LM39102 Datasheet HTML 8Page - HTC Korea TAEJIN Technology Co. LM39102 Datasheet HTML 9Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1A Low-Voltage Low-Dropout Regulator
LM39100/39101/39102
FEATURES
•Fixed and adjustable output voltages to 1.24V
•410mV typical dropout at 1A
Ideal for 3.0V to 2.5V conversion
Ideal for 2.5V to 1.8V or 1.5V conversion
•1A minimum guaranteed output current
LM39100-X.X Fixed
•1% initial accuracy
•Low ground current
•Current limiting and thermal shutdown
•Reversed-battery protection
•Reversed-leakage protection
•Fast transient response
•Low-profile SOT-223 package
APPLICATIONS
•LDO linear regulator for PC add-in cards
•PowerPC™ power supplies
•High-efficiency linear power supplies
•SMPS post regulator
•Multimedia and PC processor supplies
•Battery chargers
•Low-voltage microcontrollers and digital logic
ORDERING INFORMATION
DESCRIPTION
HTC
Connect to resitive voltage-divider network
Ground
Device
Marking
Package
PIN DESCRIPTION
Enable
(Input)
IN
CMOS-compatible control input.
Logic high = enable, logic
OUT
FLG
Regulator Output
LM39100-X.X
ADJ
GND
Adjustment Input: Feedback input.
Connect to resitive voltage-divider network
LM39101-X.X
LM39102-Adj
1
LM39100- X.X
SOT-223
Logic low or open = shutdown
Supply (Input)
Flag (Output): Open-collector error flag output.
LM39101-X.X
SOP-8
LM39102-Adj
SOP-8
SOT-223
SOP-8
* X.X = Fixed Vout = 1.5V, 1.8V, 2.5V, 3.3V, 5.0V
The LM39100, LM39101, and LM39102 are 1A low-dropout linear voltage regulators that provide low-
voltage,high-current output from an extremely small package.
The LM39100/1/2 offers extremely low dropout (typically 410mVat 1A) and low ground current (typically
12mA at 1A).
The LM39100 is a fixed output regulator offered in theSOT-223 package. The LM39101 and LM39102 are
fixedand adjustable regulators, respectively, in a thermally en-hanced power 8-lead SOP (small outline
package).
The LM39100/1/2 is ideal for PC add-in cards that need toconvert from standard 5V to 3.3V, 3.3V to 2.5V
or 2.5V to1.8V. A guaranteed maximum dropout voltage of 630mV overall operating conditions allows the
LM39100/1/2 to provide2.5V from a supply as low as 3.13V and 1.8V from a supplyas low as 2.43V.
The LM39100/1/2 is fully protected with over current limiting,thermal shutdown, and reversed-battery
protection. Fixed voltages of 5.0V, 3.3V, 2.5V,1.8V and 1.5V are available on LM39100/1 with adjustable
output voltages to 1.24V on LM39102.


Similar Part No. - LM39102

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM39102 UTC-LM39102 Datasheet
169Kb / 5P
1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
LM39102G-S08-R UTC-LM39102G-S08-R Datasheet
165Kb / 5P
Reversed-battery protection
LM39102G-S08-R UTC-LM39102G-S08-R Datasheet
169Kb / 5P
1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
LM39102G-SH2-R UTC-LM39102G-SH2-R Datasheet
165Kb / 5P
Reversed-battery protection
LM39102G-SH2-R UTC-LM39102G-SH2-R Datasheet
169Kb / 5P
1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
More results

Similar Description - LM39102

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100 Datasheet
102Kb / 12P
1A Low-Voltage Low-Dropout Regulator
logo
Taiwan Memory Technolog...
T6330A TMT-T6330A Datasheet
388Kb / 8P
1A Low Dropout Voltage Regulator
logo
Champion Microelectroni...
CM1117F CHAMP-CM1117F Datasheet
250Kb / 8P
1A LOW DROPOUT VOLTAGE REGULATOR
logo
Micrel Semiconductor
MIC39100 MICREL-MIC39100_05 Datasheet
453Kb / 12P
1A Low-Voltage Low-Dropout Regulator
logo
HTC Korea TAEJIN Techno...
LM37101 HTC-LM37101 Datasheet
435Kb / 11P
1A Low-Voltage Low-Dropout Regulator
logo
Exar Corporation
SPX3940 EXAR-SPX3940_12 Datasheet
1Mb / 11P
1A Low Dropout Voltage Regulator
logo
Sipex Corporation
SPX2940T-L-5-0 SIPEX-SPX2940T-L-5-0 Datasheet
616Kb / 10P
1A Low Dropout Voltage Regulator
Rev. 2.0.0
logo
Unisonic Technologies
LM39102 UTC-LM39102_17 Datasheet
169Kb / 5P
1A LOW-VOLTAGE LOW-DROPOUT REGULATOR
logo
HTC Korea TAEJIN Techno...
LM37100 HTC-LM37100 Datasheet
697Kb / 13P
1A Low-Voltage Low-Dropout Regulator
Jun. 2015 - R1.4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com