Electronic Components Datasheet Search
  English  ▼

X  

TL432 Datasheet(PDF) 2 Page - HTC Korea TAEJIN Technology Co.

Part # TL432
Description  Low Voltage(1.24V) Adjustable Precision Shunt Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

TL432 Datasheet(HTML) 2 Page - HTC Korea TAEJIN Technology Co.

  TL432 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. TL432 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. TL432 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. TL432 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co. TL432 Datasheet HTML 5Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Low Voltage(1.24V) Adjustable Precision Shunt Regulator
TL432/ A / C
EQUIVALENT SCHEMATIC
All component values are nominal
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATING TABLE1-FREE-AIR TEMPERATURE
Jan, 2004 - Rev 01
HTC
22
SOT-23
230㎽
122㎽
SYMBOL
VKA
IK
-
Above TA=25℃
Power Rating
TA=70℃
Cathode Voltage
Cathode Current
Package
Power Rating Power Rating
398㎽
149㎽
-
-
CHARACTERISTIC
V
㎃
MIN.
UNIT
MAX.
-
VREF
1
TA=25℃
TA=85℃
Derating Factor
15
100
TO-92
SOT-89
770㎽
TA=125℃
6.2㎽/℃
-
491㎽
Power Rating
--
1.8㎽/℃



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com