Electronic Components Datasheet Search
  English  ▼

X  

74ALVT162823 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74ALVT162823
Description  18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT162823 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74ALVT162823 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVT162823 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVT162823 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT162823 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT162823 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT162823 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT162823 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT162823 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT162823 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Nexperia
74ALVT162823
18-bit bus-interface D-type flip-flop with reset and enable with 30 Ω termination resistors; 3-state
74ALVT162823
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 23 January 2018
2 / 18
3 Ordering information
Table 1. Ordering information
Package
Type number
Temperature range Name
Description
Version
74ALVT162823DGG −40 °C to +85 °C
TSSOP56 plastic thin shrink small outline package; 56 leads;
body width 6.1 mm
SOT364-1
4 Functional diagram
001aad245
data input
to internal circuit
VCC
Figure 2. Bus hold circuit
4D
1,2
54
3
52
5
51
6
49
8
48
9
47
10
45
12
8D
5,6
44
13
43
14
42
15
41
16
40
17
38
19
37
20
36
21
34
23
33
24
31
26
001aad242
55
G3
28
R6
56
27
EN5
30
G7
2
EN1
R2
3C4
1
29
1D0
1D1
1D2
1D3
1D4
1D5
1D6
1D7
1D8
2D0
2D1
2D2
2D3
2D4
2D5
2D6
2D7
2D8
1Q0
1Q1
1Q2
1Q3
1Q4
1Q5
1Q6
1Q7
1Q8
2Q0
2Q1
2Q2
2Q3
2Q4
2Q5
2Q6
2Q7
2Q8
1CE
2MR
1CP
2OE
2CE
1OE
1MR
2CP
7C8
Figure 1. IEC logic symbol
001aad244
27 Ω
27 Ω
output
VCC
VCC
Figure 3. Schematic of each output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com