Electronic Components Datasheet Search
  English  ▼

X  

74ALVT162827 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74ALVT162827
Description  20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ALVT162827 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74ALVT162827 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ALVT162827 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ALVT162827 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ALVT162827 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ALVT162827 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ALVT162827 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ALVT162827 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ALVT162827 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ALVT162827 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Nexperia
74ALVT162827
20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
74ALVT162827
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 24 January 2018
2 / 14
4 Functional diagram
001aad056
2A0 2A1 2A2 2A3 2A4 2A5 2A6 2A7 2A8 2A9
2Y0 2Y1 2Y2 2Y3 2Y4 2Y5 2Y6 2Y7 2Y8 2Y9
42 41 40 38 37 36 34 33 31 30
15 16 17 19 20 21 23 24 26 27
29
2OE1
28
2OE0
1A0 1A1 1A2 1A3 1A4 1A5 1A6 1A7 1A8 1A9
1Y0 1Y1 1Y2 1Y3 1Y4 1Y5 1Y6 1Y7 1Y8 1Y9
55 54 52 51 49 48 47 45 44 43
2
3
5
6
8
9
10 12 13 14
56
1OE1
1
1OE0
Figure 1. Logic symbol
29
28
56
EN2
1
EN1
&
&
1
1
2
1
001aad055
42
41
40
38
37
36
34
33
31
30
15
16
17
19
20
21
23
24
26
27
55
54
52
51
49
48
47
45
44
43
2
3
5
6
8
9
10
12
13
14
Figure 2. IEC logic symbol
001aad061
nA0
nY0
nA1
nY1
nA2
nY2
nA3
nY3
nA4
nY4
nA5
nY5
nA6
nY6
nA7
nY7
nA8
nY8
nA9
nY9
nOE0
nOE1
Figure 3. Logic diagram
001aac372
output
VCC
VCC
27 Ω
27 Ω
Figure 4. Schematic of each output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com