Electronic Components Datasheet Search
  English  ▼

X  

T68 Datasheet(PDF) 1 Page - T-Global Technology

Part # T68
Description  T68 Artificial Graphite Sheet
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology

T68 Datasheet(HTML) 1 Page - T-Global Technology

  T68 Datasheet HTML 1Page - T-Global Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
More Innovation, Less Heat.
Units 1-2 Cosford Business Park, Central Park, Lutterworth, Leicestershire, LE17 4QU, United Kingdom
T +44 (0)1455 553 510
E sales@tglobaltechnology.com
W www.tglobaltechnology.com
Version19
20230721
T-Global Technology (Europe & North America) Ltd.
NOTICE: The information contained herein is to the best of our knowledge true and accurate. Values stated in this technical data sheet represent typical values as not all tests are run on each lot of material
produced. All specifications are subject to change without notice. The protective film and release paper does not affect the function of the product. If there is no special requirement, the default depends on
T-Global. Since the varied conditions of potential use are beyond our control, all recommendations or suggestions are presented without guarantee or responsibility on our part and users should make their
own test to determine the suitability of our products in any specific situation. This product is sold without warranty either expressed or implied, of fitness for a particular purpose or otherwise, except that this
product shall be of standard quality, and except to the extent otherwise stated in T-Global Technology’s invoice, quotation, or order acknowledgment.
We disclaim any and all liabilities incurred in connection with the use of information contained herein, or otherwise. All risks of such are assumed by the user. Furthermore, nothing contained herein shall be
construed as a recommendation to use any process or to manufacture or to use any product in conflict with existing or future patents covering any product or material or its use.
Features
Application:
Electronic Components - 5G, Aerospace, AI, AIoT, AR/VR/MR/XR, Automotive,
Consumer Devices, Datacom, Electric Vehicle, Electronic Products, Energy
Storage, Industrial, Lighting Equipment, Medical, Military, Netcom, Panel, Power
Electronics, Robot, Servers, Smart Home, Telecom, etc.
REACH Compliant
RoHS Compliant
2
Properties
Suitable for products requiring flat temperature
• Ultrahighthermalconductivity,
electrical conductivity and EMI shielding
• Flexibleandbendable
• Ultrathin,lowmass,environmentalfriendly
Artificial Graphite Sheet
T68
Properties
Unit
T68
Tolerance
Test Method
Thermal Conductivity (XY axis)
W/m•K
1500
±100
AC Calorimeter
Thermal Conductivity (Z axis)
W/m•K
5
±10%
Laser Flash
Thickness
μm
25
-
Micrometer
FlameRating
-
V-0
-
UL 94
ThermalDiffusivity
cm²/s
8.5
±0.5
AC Calorimeter
Density
g/cm³
2.1
±5%
Archimedes Law
ElectricalConductivity
S/cm
>13000
-
JIS K7194
BendingTest
times
10000
-
-
OperatingTemperature
°C
-40~+400
-
AC Calorimeter
HeatCapacity(SHC)
J/g-K
0.895
-
※Die-cutfordifferentshapes
※Availabletoapplyadhesive
Properties
T68
T68A
T68AP
T68APF
Processing
No processing
With insulating double-sided
adhesive tape underneath
(10
μm/30μm)
1. Standard PET tape on the top
(10
μm/30μm)
2. Insulating 2-sided
adhesive tape on the bottom
(10
μm/30μm)
1. Standard PET tape on the top
(10
μm/30μm)
2. Insulating 2-sided
adhesive tape on the bottom
(10
μm/30μm)
3. Edge banding
Structure
Feature
‧Greatthermalconductivity 
 andsoftness
‧Lowthermalresistance
‧Workingtemperatureupto
 400℃
‧Electricallyconductive
•Insulatingandadhesiveon
one side
•Greatadhesion,stickclosely
to the case
•Breakdownvoltage:1KV
•Bothsurfaces
electrically isolated
•PETTape:1KV
•2-sidedadhesivetape:1KV
•Bothsurfaces
electrically isolated
•PETTape:1KV
•2-sidedadhesivetape:1KV
Heat Resistant
Temperature
400
℃
100
℃
80~100
℃
80~100
℃
Total Thickness
25
μm
35
μm/55μm
45
μm/85μm
45
μm/85μm
Graphite Sheet
Graphite Sheet
2-Sided Adhesive Tape
Release Paper
Graphite Sheet
PET Tape
2-Sided Adhesive Tape
Release Paper
Graphite Sheet
PET Tape
2-Sided Adhesive Tape
Release Paper


Similar Part No. - T68

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T6801 ATMEL-T6801 Datasheet
190Kb / 6P
Single-channel Driver IC with Driver IC with Monitoring
T6801 ATMEL-T6801 Datasheet
228Kb / 6P
Single-channel Driver IC with Thermal Monitoring
T6801-TAQ ATMEL-T6801-TAQ Datasheet
190Kb / 6P
Single-channel Driver IC with Driver IC with Monitoring
T6801-TAQY ATMEL-T6801-TAQY Datasheet
228Kb / 6P
Single-channel Driver IC with Thermal Monitoring
T6801 ATMEL-T6801_05 Datasheet
228Kb / 6P
Single-channel Driver IC with Thermal Monitoring
More results

Similar Description - T68

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYGS182310XX PANASONIC-EYGS182310XX Datasheet
135Kb / 4P
?쏱GS??Graphite Sheets
logo
Laird Tech Smart Techno...
TGON9000 LSTD-TGON9000 Datasheet
217Kb / 2P
High Thermal Conductive Graphite Sheet
logo
Wurth Elektronik GmbH &...
4051100100017 WURTH-4051100100017 Datasheet
211Kb / 3P
WE-TGS Thermal Graphite Sheet
001.000
4051210297017 WURTH-4051210297017 Datasheet
211Kb / 3P
WE-TGS Thermal Graphite Sheet
001.000
logo
T-Global Technology
T62 TGLOBAL-T62 Datasheet
334Kb / 1P
T62 Natural Graphite Sheet
T69-100 TGLOBAL-T69-100 Datasheet
817Kb / 2P
T69-100 Graphite Sheets
T69-17 TGLOBAL-T69-17 Datasheet
815Kb / 2P
T69-17 Graphite Sheets
T69-25 TGLOBAL-T69-25 Datasheet
817Kb / 2P
T69-25 Graphite Sheets
T69-40 TGLOBAL-T69-40 Datasheet
817Kb / 2P
T69-40 Graphite Sheets
T69-50 TGLOBAL-T69-50 Datasheet
817Kb / 2P
T69-50 Graphite Sheets
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com