Electronic Components Datasheet Search
  English  ▼

X  

BU2515AF Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BU2515AF
Description  Silicon Diffused Power Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2515AF Datasheet(HTML) 4 Page - NXP Semiconductors

  BU2515AF Datasheet HTML 1Page - NXP Semiconductors BU2515AF Datasheet HTML 2Page - NXP Semiconductors BU2515AF Datasheet HTML 3Page - NXP Semiconductors BU2515AF Datasheet HTML 4Page - NXP Semiconductors BU2515AF Datasheet HTML 5Page - NXP Semiconductors BU2515AF Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU2515AF
Fig.9. Typical collector storage and fall time.
ts = f (I
B); tf = f (IB); IC = 4.5 A; Tj = 85˚C; f = 56 kHz
Fig.10. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25˚C = f (Tmb)
Fig.11. Transient thermal impedance.
Z
th j-hs = f(t); parameter D = tp/T
Fig.12. Test Circuit RBSOA. V
CC = 150 V;
-V
BB = 1 - 5 V;
L
C = 1.5 mH; VCL = 1450 V; LB = 0.3 - 2 µH;
C
FB = 0.5 - 8 nF; IB(end) = 0.65 - 1.3 A
Fig.13. Reverse bias safe operating area. T
j ≤ Tjmax
Fig.14. I
Csat during normal running vs. frequency of
operation for optimum performance
0
0.5
1
1.5
2
0
1
2
3
4
5
ts/tf / us
BU2515AF/DF/AX/DX
IB / A
LB
IBend
-VBB
LC
T.U.T.
VCC
VCL
CFB
0
20
40
60
80
100
120
140
Ths / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
with heatsink compound
100
1000
0
10
20
30
VCE / V
IC / A
BU2515
Area where
fails occur
1500
0
10203040
506070
80
0
1
2
3
4
5
6
7
8
BU2515AF/AX
frequency (kHz)
Ic(sat) (A)
1E-06
1E-04
1E-02
1E+00
t / s
Zth / (K/W)
D = 0
0.02
0.05
0.1
0.2
0.5
D =
tp
tp
T
T
P
t
D
10
1
0.1
0.01
0.001
September 1997
4
Rev 1.100



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com