Electronic Components Datasheet Search
  English  ▼

X  

TG832 Datasheet(PDF) 1 Page - T-Global Technology

Part # TG832
Description  Ultra-Soft Thermal Conductive Pad
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology

TG832 Datasheet(HTML) 1 Page - T-Global Technology

  TG832 Datasheet HTML 1Page - T-Global Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TG832
Ultra-Soft Thermal Conductive Pad
Version 2.130218
Ultra-Soft Thermal Conductive Pad
TG832 is an ultra-soft, silicone based thermal interface material. TG832 has a low
thermal impedance, conforms readily to surfaces due to its low hardness and
provides a high dielectric breakdown voltage. TG832 can be provided in various
thicknesses and formats, such as custom die cuts, standard sheets.
Features
Superior thermal conductivity
Highly compressible
Naturally tacky
Low Shore 00 hardness
Low oil bleed
Electrically insulating
Applications
Electronic components: IC, CPU, MOS
LED, M/B, P/S, Heat Sink
LCD, TV, Notebook PC, PC Telecom Device, Wireless Hub, etc.
DDR II Module, DVD Applications, Hand-set applications, etc.
Properties
REACH Compliant
ROHS Compliant
T-Global Technology Limited
1 & 2 Cosford Business Park, Central Park,
Lutterworth, Leicestershire LE17 4QU U.K.
Tel: +44 (0)1455 553 510
Email: sales@tglobaltechnology.com
Web: www.tglobaltechnology.com
Skype: tglobal.technology
VAT #: GB 116 662 714
Property
TG832
Unit
Tolerance Test Method
Colour
Pink
-
-
Visual
Thickness
0.5 - 5.0
mm
-
ASTM D374
0.0197 - 0.1969
inch
-
ASTM D374
Thermal Conductivity
5
W/mK
±0.4
ASTM D5470
Flammability Rating
V-0
-
-
UL 94
Dielectric Breakdown Voltage
16
kV/mm
±1.5
ASTM D149
Weight Loss
‹1
%
-
ASTM E595
Density
2.3
g/cm³
±0.2
ASTM D792
Working Temperature
-45 to 200
˚C
-
-
Volume Resistance
›10¹²
Ohm-cm
-
ASTM D257
Elongation
300
%
-
ASTM D412
Tensile Strength
1
Kgf/cm²
-
ASTM D412
Hardness
40
Shore 00
±5
ASTM D2240
Shelf Life
36
months
-
-
Shelf Life with adhesive
(can be requalified for further 12)
12
months
-
-
Part Number Information
Product
Length
Width
Thickness
TG832
288mm
192mm
0.5mm-5.0mm
NOTICE: The information contained herein is to the best of our knowledge true and accurate. How-
ever, since the varied conditions of potential use are beyond our control, all recommendations or
suggestions are presented without guarantee or responsibility on our part and users should make
their own test to determine the suitability of our products in any specific situation. This product is
sold without warranty either expressed or implied, of fitness for a particular purpose or otherwise,
except that this product shall be of standard quality, and except to the extent otherwise stated in
T-Global Technology Europe and North America’s invoice, quotation, or order acknowledgment. We
disclaim any and all liabilities incurred in connection with the use of information contained herein,
or otherwise. All risks of such are assumed by the user. Furthermore, nothing contained herein
shall be construed as a recommendation to use any process or to manufacture or to use any prod-
uct in conflict with existing or future patents covering any product or material or its use.


Similar Part No. - TG832

ManufacturerPart #DatasheetDescription
logo
HALO Electronics, Inc.
TG83-1205NM5LF HALO-TG83-1205NM5LF Datasheet
394Kb / 2P
SMD Dual Port or Quad Channel T1/E1 Transformers
TG83-1205NM5RL HALO-TG83-1205NM5RL Datasheet
394Kb / 2P
SMD Dual Port or Quad Channel T1/E1 Transformers
TG83-1505NULF HALO-TG83-1505NULF Datasheet
398Kb / 2P
SMD 8-Channel Quad Port T1/E1 Transformer
TG83-1505NURL HALO-TG83-1505NURL Datasheet
398Kb / 2P
SMD 8-Channel Quad Port T1/E1 Transformer
TG83-1505NXLF HALO-TG83-1505NXLF Datasheet
447Kb / 3P
SMD 4 Port T1/E1 Transformer
More results

Similar Description - TG832

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
TG-A9000 TGLOBAL-TG-A9000 Datasheet
324Kb / 1P
Ultra Soft Thermal Pad
Version18 20220617
TG-A1250 TGLOBAL-TG-A1250 Datasheet
486Kb / 1P
Ultra Soft Thermal Pad
20230721
TG-A1660 TGLOBAL-TG-A1660 Datasheet
511Kb / 1P
Ultra Soft Thermal Pad
20230721
TG-A1780_UK TGLOBAL-TG-A1780_UK Datasheet
512Kb / 1P
Ultra Soft Thermal Pad
20230721
TG-A2200 TGLOBAL-TG-A2200 Datasheet
499Kb / 1P
Ultra Soft Thermal Pad
20230721
TG-A3500 TGLOBAL-TG-A3500 Datasheet
473Kb / 1P
Ultra Soft Thermal Pad
20230721
TG-A4040 TGLOBAL-TG-A4040 Datasheet
385Kb / 1P
Ultra Soft Thermal Pad
20230721
TG-A404F TGLOBAL-TG-A404F Datasheet
393Kb / 1P
Ultra Soft Thermal Pad
20230721
TG-A6050 TGLOBAL-TG-A6050 Datasheet
378Kb / 1P
Ultra Soft Thermal Pad
20230721
TG-A6200 TGLOBAL-TG-A6200 Datasheet
515Kb / 1P
Ultra Soft Thermal Pad
20230721
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com