Electronic Components Datasheet Search
  English  ▼

X  

STV8223A Datasheet(PDF) 4 Page - STMicroelectronics

Part # STV8223A
Description  MULTISTANDARD VIDEO AND SOUND IF SYSTEM WITH AUDIO AND VIDEO SWITCHES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV8223A Datasheet(HTML) 4 Page - STMicroelectronics

  STV8223A Datasheet HTML 1Page - STMicroelectronics STV8223A Datasheet HTML 2Page - STMicroelectronics STV8223A Datasheet HTML 3Page - STMicroelectronics STV8223A Datasheet HTML 4Page - STMicroelectronics STV8223A Datasheet HTML 5Page - STMicroelectronics STV8223A Datasheet HTML 6Page - STMicroelectronics STV8223A Datasheet HTML 7Page - STMicroelectronics STV8223A Datasheet HTML 8Page - STMicroelectronics STV8223A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ELECTRICAL CHARACTERISTICS (continued)
(Tamb =25
°C, VCC = 9V, IF input = 10mVRMS sync level at B/G, Video modulation DSB,
D= 90% at B/G, fPC = 38.9MHz, fSC = 33.4MHz, Video BW = 5MHz,
Sound carrier input : 5.5MHz, 10mVRMS,fM = 1kHz, Audio BW = 20kHz,
∆f= ±50kHz,
Volume attenuation = 0dB, unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Ma.
Unit
FM SOUND DEMODULATION
V8S
Input Sensitivity
-3dB FM detected signal
35
µV
R8
Limiter Input Resistance
1.2
k
Ω
AMR
Amplitude Modulation Rejection
Note 4
50
61
dB
SVR
Supply Voltage Rejection Ratio
Ripple signal : 100Hz, 0.5VPP
12
17
dB
V15
Detected Audio Output Signal
0.85
1.1
1.4
VRMS
THD
Total Harmonic Distortion
0.2
1
%
R15
Internal Deemphasis Resistor
600
750
900
Ω
S/N
Signal to Noise Ratio
Note 5, Weighted CCIR 468-4
50
55
dB
VOLUME CONTROL
VC Range
Control Range
See Figure 21
72
77
dB
AUDIO SWITCH
R16
Input Resistance
45
60
75
k
Ω
CRtk
Crosstalk
70
80
dB
EXTHD
THD on External Signal
VIN =2VRMS, Attenuation = 0dB
0.1
0.3
%
VIDEO SWITCH
VDC 12
DC Input Level
No signal
1.6
1.9
2.2
V
VS12
Top Sync. Clamp Level
1.8
V
V11
DC Output Level
No signal
1.7
2
2.3
V
VS11
Top Sync. Clamp Level
1.5
V
Crosstalk
55
dB
GEX
Gain from External Input to Output
5.5
6
6.5
dB
Output Swing
4
5
V
I12
Input Current
V12 =VDC12 = 1.5V
1
5
µA
VBW
Bandwidth
VIN =1VPP
15
MHz
GIN
Gain from Internal Input to Output
-0.5
0
+0.5
dB
MUTE (Pin 9 or Pin 13)
VTH9
Threshold Voltage Pin 9
1.7
2
2.3
V
V9
DC Level when Mute Disabled
High impedance controling circuit
2.8
V
VTH13
Threshold Voltage Pin 13
0.2
0.3
0.4
V
CONTROL INPUT
Negative Modulation
Video : External - Audio : External
Video : Internal - Audio : Internal
7.2
1.8
V
V
Positive Modulation
Video : External - Audio : External
Video : Internal - Audio : External
4.9
2.6
6.4
4.1
V
V
Threshold 3
Level linked to VCC
6.4
6.8
7.2
V
Threshold 2
Level linked to VCC
4.1
4.5
4.9
V
Threshold 1
Level linked to VCC
1.8
2.2
2.6
V
Notes : 4. AMR = 20 log
V15
(mVRMS)
VAM
(dB) where VAM = output amplitude in AM for fM = 1kHz and m = 30%
5.
S
N
= 20 log
V15
(mVRMS)
VN
(mVRMS)
(dB)
STV8223A
4/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com