Electronic Components Datasheet Search
  English  ▼

X  

33897C Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33897C
Description  Single Wire CAN Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33897C Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33897C Datasheet HTML 11Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 12Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 13Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 14Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 15Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 16Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 17Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 18Page - Freescale Semiconductor, Inc 33897C Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33897/A/B/C/D/T
BUS LOADING PARAMETERS
FUNCTIONAL BLOCK DIAGRAM COMPONENTS
BUS LOADING PARAMETERS
Figure 7. Transmitter Delays in Normal and Transmit High-Voltage Wake-Up Modes
Figure 8. Transmitter Delays in Transmit High-Speed Mode
47
µH
1.0 k
Ω
CNOM = 100 pF + (n -1) 220 pF
R
=
6.49 k
Ω
(n -1)
33897
6.49 k
Ω
BUS
LOAD
GND
100 pF
VBATT
Note: The letter “n” represents the number of nodes in the system.
BUSMOD
130
Ω
CNOM = (n) 220 pF
R
=
6.49 k
Ω
33897
6.49 k
Ω
BUS
LOAD
GND
(n -1)
Note: The letter “n” represents the number of nodes in the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com