Electronic Components Datasheet Search
  English  ▼

X  

MP30 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MP30
Description  Power Rheostats 150 Watt
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MP30 Datasheet(HTML) 1 Page - Vishay Siliconix

  MP30 Datasheet HTML 1Page - Vishay Siliconix MP30 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.vishay.com
7
MP30
Vishay Angstrohm
Document Number: 66105
Revision 25-Aug-00
MP30
MODEL
Power Rheostats
150 Watt
— Resistance value
— Amps
— Date code
A
BUSHING AND SHAFT CONFIGURATION
25
VALUE
NOTE: For Additional Features: Submit detailed drawing information when ordering “non-standard” parts.
ORDERING INFORMATION
* All other intermediate resistance values are available
and can be manufactured on a normal delivery cycle.
FEATURES
• Diameter 4" [101.60mm]
• Depth behind panel 1 3/4" [44.45mm]
• Shaft 1/4" [6.35mm] diameter
• Rotation 300
° ± 5° and weight 1.014 pounds (460 grams)
• Total ohms available in higher ranges up to 25,000 ohms
• Mounts on panels up to 1/4" [6.35mm] by means of a 3/8" [9.52mm], 32 bushing
and hex nut
• Non-turn lugs require 3/16" [4.76mm] hole, 1/2" [12.70mm] below center of shaft -
Model"A" shaft
• U. L. Approved
MAXIMUM
AMPS
TOTAL
OHMS
17.350
12.247
8.660
7.071
5.477
4.472
3.873
3.162
2.449
1.732
1.414
1.225
0.866
0.707
0.612
0.548
0.447
0.387
0.274
0.244
0.173
0.141
0.122
0.5
1.0
2.0
3.0
5.0
7.5
10.0
15.0
25.0
50.0
75.0
100.0
200.0
300.0
400.0
500.0
750.0
1000.0
2000.0
2500.0
5000.0
7500.0
10000.0
35
39
39
70
73
70
70
120
152
190
228
228
265
303
342
342
418
432
575
456
865
1000
1000
APPROXIMATE
STEPS
RESISTANCE VALUES*
MARKING
Angstrohm rheostat standard
wattage ratings are based on a
300
°C rise in “free-air” in ambient
not exceeding + 40
°C (shown). For
other applications, wattage ratings
are available based on 340
°C rise in
"free-air" in ambient not exceeding
+ 25
°C, and in other cases + 50°C.
DERATING
A = Standard Flatted Shaft
40
100
150
200
250
300
350
AMBIENT TEMP. DEG. CENTIGRADE
120
100
80
60
40
20
0
Knob # 552
DIMENSIONS in inches [millimeters]
2 1/2
[63.50] R
4
[101.60]
Dia.
2 7/16
[61.91]
(3) .169 [4.29] Holes
1 1/2
[38.10]
Dial # 548
2 1/4 [57.15]
3/4
[19.05]
1/4 [6.35]
1 3/4
[44.45]
7/8
[22.22]
3/8
[9.52]
1/2
[12.70]
3/8
[9.52]
3/32
[2.38]
7/32
[5.56]
1/16
[1.59]


Similar Part No. - MP30

ManufacturerPart #DatasheetDescription
logo
GREATECS
MP30 GREATECS-MP30 Datasheet
99Kb / 2P
8.6x4.8x3.0mm Superminiature Micro Switch
logo
FIBOX Enclosing innovat...
MP30/25 FIBOX-MP30/25 Datasheet
49Kb / 2P
Mounting plate, for enclosures:
19.01.2023
logo
XP Power Limited
MP300-2400 XPPOWER-MP300-2400 Datasheet
1Mb / 6P
Fully Featured Signal Set
logo
Monolithic Power System...
MP3001 MPS-MP3001 Datasheet
339Kb / 9P
1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight and Flashlight Driver
MP3001DQ MPS-MP3001DQ Datasheet
339Kb / 9P
1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight and Flashlight Driver
More results

Similar Description - MP30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MP25 VISHAY-MP25 Datasheet
59Kb / 1P
Power Rheostats
25-Aug-00
MP06 VISHAY-MP06 Datasheet
67Kb / 2P
Power Rheostats
25-Aug-00
MP10A1500 VISHAY-MP10A1500 Datasheet
81Kb / 2P
Power Rheostats
25-Aug-00
logo
Tumbler Technologies + ...
3F-12-150 TRUMPOWER-3F-12-150 Datasheet
213Kb / 2P
150 WATT POWER ADAPTERS
PU150 TRUMPOWER-PU150 Datasheet
158Kb / 3P
150 WATT SWITCHING POWER SUPPLIES
TMP150 TRUMPOWER-TMP150 Datasheet
172Kb / 2P
150 WATT MEDICAL POWER ADAPTERS
logo
Ohmite Mfg. Co.
RCLR50E OHMITE-RCLR50E Datasheet
231Kb / 2P
Rheostats
logo
RSG Electronic Componen...
PU150 RSG-PU150 Datasheet
145Kb / 3P
150 WATT SWITCHING POWER SUPPLIES
logo
Tumbler Technologies + ...
3F TRUMPOWER-3F Datasheet
213Kb / 2P
150 WATT POWER ADAPTERS
logo
TRACO Electronic AG
TFI150 TRACOPOWER-TFI150 Datasheet
336Kb / 4P
TFI 150 Series, 150 Watt
Rev. July 7, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com