Electronic Components Datasheet Search
  English  ▼

X  

33897D Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33897D
Description  Single Wire CAN Transceiver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33897D Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33897D Datasheet HTML 7Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 8Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 9Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 10Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 11Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 12Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 13Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 14Page - Freescale Semiconductor, Inc 33897D Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33897/A/B/C/D/T
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
BUS (CONTINUED)
High-Voltage Rising Output Delay
200
Ω ≤ R
L ≤ 3332 Ω, 1.0 µs ≤ Load Time Constants ≤ 4.0 µs
Measured from TXD=VIL to VBUS as follows:
Max Time to VBUSMOD = 3.7 V, 6.0 V ≤ VBATT ≤ 26.5 V
(14)
Min Time to VBUSMOD = 1.0 V, 6.0 V ≤ VBATT ≤ 26.5 V
(14)
Max Time to VBUSMOD = 9.4 V, 12.0 V ≤ VBATT ≤ 26.5 V
(14)
tDLYHVRO
2.0
2.0
2.0
–
–
–
6.3
6.3
18
µs
High-Voltage Falling Output Delay
200
Ω ≤ R
L ≤ 3332 Ω, 1.0 µs ≤ Load Time Constants ≤ 4.0 µs,
12.0 V
≤ V
BATT ≤ 26.5 V
Measured from TXD=VIH to VBUS as follows:
Max Time to VBUSMOD = 1.0 V
(14)
Min Time to VBUSMOD = 3.7 V
(14)
tDLYHVFO
1.8
1.8
–
–
14
14
µs
RECEIVER RXD
Receive Delay Time (5.0 V
≤ V
BATT ≤ 26.5 V)
Awake
tRDLY
0.2
–
1.0
µs
Receive Delay Time (BUS Rising to RXD Falling, 5.0 V
≤ V
BATT ≤ 26.5 V)
Sleep
tRDLYSL
10
–
70
µs
CNTL
CNTL Falling Delay Time (5.0 V
≤ V
BATT ≤ 26.5 V)
(33897/A/C/T only)
t CNTLFDLY
300
–
1000
ms
Notes
14.
VBUSMOD is the voltage at the BUSMOD node in Figure 7, page 15.
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions of -40
°C ≤ T
A ≤ 125°C, unless otherwise stated. Voltages are relative to GND unless
otherwise noted. All positive currents are into the terminal. All negative currents are out of the terminal.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com