Electronic Components Datasheet Search
  English  ▼

X  

PAM4SMA Datasheet(PDF) 1 Page - Protek Devices

Part # PAM4SMA
Description  400 Watt TVS Component
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM4SMA Datasheet(HTML) 1 Page - Protek Devices

  PAM4SMA Datasheet HTML 1Page - Protek Devices PAM4SMA Datasheet HTML 2Page - Protek Devices PAM4SMA Datasheet HTML 3Page - Protek Devices PAM4SMA Datasheet HTML 4Page - Protek Devices PAM4SMA Datasheet HTML 5Page - Protek Devices PAM4SMA Datasheet HTML 6Page - Protek Devices PAM4SMA Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Only One Name Means ProTek’Tion™
05641.Ra 12/21
Page 1
PAM4SMA SERIES
400 WAtt tVS CoMPonEnt
ISO 9001 CERTIFIED COMPANY
APPlICATIONS
• Automotive
FEATuRES
• AEC-Q101 Qualified
• UL Registered
• IEC 61000-4-2 (ESD): Level 4: Air ±30kV, Contact ±30kV
• IEC 61000-4-4 (EFT): 40A 5/50ns
• IEC 61000-4-5 (Surge)
• 400 Watts Peak Pulse Power per Line (tp = 10/1000µs)
• Excellent Clamping Capability
• Low Incremental Surge Resistance
• Low Leakage Current: < 1µA Typical (Min. V
BR > 12V)
• Low Profile Package and Optimized Space Saving Footprint
• Whisker Test Per JEDEC JESD201 - Table 4A and 4C
• Bidirectional and Unidirectional Configurations
• Very Fast Response Time
• Available in Multiple Voltages
• RoHS Compliant
• REACH Compliant
MEChANICAl ChARACTERISTICS
• Molded JEDEC DO-214AC Package
• Approximate Weight: 0.06 grams
• Lead-Free Pure-Tin Plating (Annealed)
• Solder Reflow Temperature:
Pure-Tin - Sn, 100: 260-270°C
• 12mm Tape and Reel Per EIA Standard 481
• Terminal: Solderable per MIL-STD-750, Method 2026
• Flammability Rating UL 94V-0
PIN CONFIGuRATIONS
DO-214ac package
1
2
1
2
DESCRIPTION
The PAM4SMA series is designed to protect sensitive electronic equipment from voltage transients induced by light-
ning and other transient voltage events in automotive applications.


Similar Part No. - PAM4SMA

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
PAM4 TEKTRONIX-PAM4 Datasheet
454Kb / 16P
Digital Serial Analyzer Sampling Oscilloscope
More results

Similar Description - PAM4SMA

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM07DF23K24 PROTEC-PAM07DF23K24 Datasheet
507Kb / 6P
3000 WATT TVS COMPONENT
PAM21SC790501H PROTEC-PAM21SC790501H Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A Datasheet
509Kb / 6P
5000 WATT TVS COMPONENT
PLW0501H PROTEC-PLW0501H_12 Datasheet
445Kb / 6P
250 WATT TVS COMPONENT
PLW1201H PROTEC-PLW1201H_12 Datasheet
446Kb / 6P
200 WATT TVS COMPONENT
SM5KW10A PROTEC-SM5KW10A_15 Datasheet
481Kb / 6P
5000 WATT TVS COMPONENT
P4SMA PROTEC-P4SMA Datasheet
444Kb / 7P
400 WATT TVS COMPONENT
PAM37SDXXAL PROTEC-PAM37SDXXAL Datasheet
390Kb / 7P
400 WATT TVS COMPONENT
PSMFXXAL PROTEC-PSMFXXAL Datasheet
389Kb / 7P
400 WATT TVS COMPONENT
CAL PROTEC-CAL Datasheet
493Kb / 7P
400 Watt TVS component
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com