Electronic Components Datasheet Search
  English  ▼

X  

PE565211 Datasheet(PDF) 1 Page - Peregrine Semiconductor

Part # PE565211
Description  5–7 GHz 802.11ax SOI Wi-Fi Front-End Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE565211 Datasheet(HTML) 1 Page - Peregrine Semiconductor

  PE565211 Datasheet HTML 1Page - Peregrine Semiconductor PE565211 Datasheet HTML 2Page - Peregrine Semiconductor PE565211 Datasheet HTML 3Page - Peregrine Semiconductor PE565211 Datasheet HTML 4Page - Peregrine Semiconductor PE565211 Datasheet HTML 5Page - Peregrine Semiconductor PE565211 Datasheet HTML 6Page - Peregrine Semiconductor PE565211 Datasheet HTML 7Page - Peregrine Semiconductor PE565211 Datasheet HTML 8Page - Peregrine Semiconductor PE565211 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
PE565211
Document Category: Product Concept
5–7 GHz 802.11ax SOI Wi-Fi Front-End Module
©2020, pSemi Corporation. All rights reserved. • Headquarters: 9369 Carroll Park Drive, San Diego, CA, 92121
Product Concept
PC-0201-2 – (06/2021)
www.psemi.com
Features
• Single-die 5–7 GHz, PA, LNA, bypass path with
RxAux port
• Fully-matched input and output
• Integrated logarithmic power detector
• Tx Gain: 5 GHz: 27 dB, 6 GHz: 21 dB typical
• Rx Gain: 5 GHz: 15 dB, 6 GHz: 13 dB typical
• Rx NF: 5 GHz: 2.1 dB, 6 GHz: 2.3 dB typical
• Excellent long packet EVM performance:
▪ MCS11 5 GHz: -41 dB @ 12.5 dBm (HE80)
▪ MCS11 6 GHz: -41 dB @ 13.0 dBm (HE80)
• Packaging — Ultra-compact 16-lead 2.5 x 2.5 mm
LGA (MSL3)
Applications
• Nominal- to medium-power 802.11ax CPE (routers,
extenders, access points and gateways)
• PC cards, PCMCIA cards, mini and half-mini cards
• Wi-Fi-enabled video systems
•POE
•IoT
Product Description
The PE565211 is a high-performance, fully integrated 5–7 GHz 802.11ax Wi-Fi front-end module (FEM) that
combines the intelligent integration capabilities of pSemi's patented UltraCMOS® technology. The device
provides all the functionality of a fully-matched bypassable amplifier (LNA), a dual-core power amplifier (PA) and
two RF switches (SP4T, SP3T). The all-silicon die enables an ultra-compact industry-leading 2.5 x 2.5 mm 16-
lead LGA package to minimize valuable PCB layout area, especially for high-density MIMO applications.
The PE565211 maintains maximum linear PA output power from a 3.85V supply for optimal power savings while
low LNA NF enhances receive sensitivity and improves range over a wide variety of conditions. The PE565211
also includes an integrated logarithmic power detector and die-level filtering for sub-harmonic 2.4 GHz rejection
for DBDC operation.
The PE565211 is manufactured on pSemi’s UltraCMOS process, a patented advanced form of silicon-on-
insulator (SOI) technology, offering the performance of GaAs with the economy and integration of conventional
CMOS.
Figure 1 • PE565211 Functional Diagram


Similar Part No. - PE565211

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5001 PASTERNACK-PE5001 Datasheet
243Kb / 2P
Crimp Tool With 0.068, 0.213, 0.255 Hex Sizes For RG55, RG58, RG59, RG62, RG142, RG223 RG400
PE5004-KIT PASTERNACK-PE5004-KIT Datasheet
380Kb / 2P
TECHNICAL DATA SHEET
PE5006 PASTERNACK-PE5006 Datasheet
229Kb / 1P
COAXIAL CRIMPING TOOL
PE5007 PASTERNACK-PE5007 Datasheet
205Kb / 2P
Crimp Tool With 0.100, 0.429 Hex Sizes For RG9, RG11, RG87A,RG149, RG165, RG213, RG214, RG216, RG225, RG393
PE5008 PASTERNACK-PE5008 Datasheet
203Kb / 1P
PRODUCTION GRADE SCISSOR CRIMPING TOOL
More results

Similar Description - PE565211

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
RFFM4252 TRIQUINT-RFFM4252 Datasheet
552Kb / 7P
Wi-Fi Front End Module
logo
Qorvo, Inc
QPF4550 QORVO-QPF4550 Datasheet
149Kb / 2P
Wi-Fi Front End Module
QPF4506 QORVO-QPF4506 Datasheet
303Kb / 2P
Wi-Fi Front End Module
QPF4219 QORVO-QPF4219 Datasheet
165Kb / 2P
Wi-Fi Front End Module
QPF4216 QORVO-QPF4216 Datasheet
168Kb / 2P
Wi-Fi Front End Module
RFFM8516 QORVO-RFFM8516 Datasheet
701Kb / 13P
5.0 GHz Wi-Fi Front-End Module
RFFM8227P QORVO-RFFM8227P Datasheet
142Kb / 2P
Wi-Fi Front End Module
RFFM4558A QORVO-RFFM4558A Datasheet
151Kb / 2P
Wi-Fi Front End Module
RFFM4252 QORVO-RFFM4252 Datasheet
147Kb / 2P
Wi-Fi Front End Module
logo
NXP Semiconductors
WLAN8101C NXP-WLAN8101C Datasheet
333Kb / 20P
5 GHz Wi-Fi 6 Front-End Module
Rev. 3 ??11 August 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com