Electronic Components Datasheet Search
  English  ▼

X  

74ABT32D Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74ABT32D
Description  Quad 2-input OR gate
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74ABT32D Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74ABT32D Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74ABT32D Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74ABT32D Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74ABT32D Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74ABT32D Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74ABT32D Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74ABT32D Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74ABT32D Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74ABT32D Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Nexperia
74ABT32
Quad 2-input OR gate
9. Static characteristics
Table 6. Static characteristics
25 °C
-40 °C to +85 °C
Symbol Parameter
Conditions
Min
Typ Max
Min
Max
Unit
VIK
input clamping voltage VCC = 4.5 V; IIK = -18 mA
-1.2
-0.9
-
-1.2
-
V
VOH
HIGH-level output
voltage
VCC = 4.5 V; IOH = -15 mA;
VI = VIL or VIH
2.5
2.9
-
2.5
-
V
VOL
LOW-level output
voltage
VCC = 4.5 V; IOL = 20 mA;
VI = VIL or VIH
-
0.35
0.5
-
0.5
V
II
input leakage current
VCC = 5.5 V; VI = GND or 5.5 V
-
±0.01 ±1.0
-
±1.0
μA
IOFF
power-off leakage
current
VCC = 0 V; VI or VO ≤ 4.5 V
-
±5.0 ±100
-
±100 μA
ICEX
output high leakage
current
HIGH-state; VO = 5.5 V; VCC = 5.5 V;
VI = GND or VCC
-
5.0
50
-
50
μA
IO
output current
VCC = 5.5 V; VO = 2.5 V
[1] -50
-75
-180
-50
-180
mA
ICC
supply current
VCC = 5.5 V; VI = GND or VCC
-
2
50
-
50
μA
ΔICC
additional supply
current
per input pin; VCC = 5.5 V;
one input at 3.4 V;
other inputs at VCC or GND
[2]
-
0.25
500
-
500
μA
CI
input capacitance
VI = 0 V or VCC
-
3
-
-
-
pF
[1] Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
[2] This is the increase in supply current for each input at 3.4 V.
10. Dynamic characteristics
Table 7. Dynamic characteristics
GND = 0 V; for test circuit, see Fig. 7.
25 °C; VCC = 5.0 V
-40 °C to +85 °C;
VCC = 5.0 V ± 0.5 V
Symbol Parameter
Conditions
Min
Typ
Max
Min
Max
Unit
tPLH
LOW to HIGH
propagation delay
nA, nB to nY; see Fig. 6
1.0
2.3
3.4
1.0
3.8
ns
tPHL
HIGH to LOW
propagation delay
nA, nB to nY; see Fig. 6
1.0
1.9
2.9
1.0
3.2
ns
tsk(o)
output skew time
[1]
-
0.4
0.5
-
0.5
ns
[1] Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
74ABT32
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 4 — 9 October 2020
4 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com