Electronic Components Datasheet Search
  English  ▼

X  

SIP5668 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SIP5668
Description  14-Line SCSI Bus Terminators
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP5668 Datasheet(HTML) 4 Page - Vishay Siliconix

  SIP5668 Datasheet HTML 1Page - Vishay Siliconix SIP5668 Datasheet HTML 2Page - Vishay Siliconix SIP5668 Datasheet HTML 3Page - Vishay Siliconix SIP5668 Datasheet HTML 4Page - Vishay Siliconix SIP5668 Datasheet HTML 5Page - Vishay Siliconix SIP5668 Datasheet HTML 6Page - Vishay Siliconix SIP5668 Datasheet HTML 7Page - Vishay Siliconix SIP5668 Datasheet HTML 8Page - Vishay Siliconix SIP5668 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
SiP5668
Vishay Siliconix
New Product
www.vishay.com
4
Document Number: 73099
S-41843—Rev. A, 11-Oct-04
SPECIFICATIONS
Limits
Test Conditions Unless Specified
TERMPWR = 2.7 to 5.25 V, DISABLE = 0 V
TA = TJ = 0 to 70 _C
Parameter
Unit
Maxa
Typb
Mina
Test Conditions Unless Specified
TERMPWR = 2.7 to 5.25 V, DISABLE = 0 V
TA = TJ = 0 to 70 _C
Symbol
MODE Input
S/E to LVD Threshold
VTH(S/E)
0.5
0.6
0.7
V
LVD to HPD Threshold
VTH(HPD)
1.9
2.1
2.4
V
Input Current
IIN(MODE)
0 Vv VMODE v 5.25 V
−1
0
1
mA
Mode Change Delay
tDEL
100
200
400
ms
STATUS Output Pins (LVD, S/E)
Source Current
ISO(STAT)
TERMPWR = 2.7 V, VPIN = 2.4 V
−10
−5
mA
Sink Current
ISI(STAT)
VPIN = 0.4 V
3
6
mA
THERMAL Shutdown
Shutdown Temperatured
TOFF
Rising Temperature
160
_C
Hysteresisd
THYS
10
_C
TERMPWR Supply
LVD Mode
IDD(LVD)
MODE = 1.3 V, Channels Unloaded
25
35
S/E Mode
IDD(S/E)
MODE = 0 V, Channels Unloaded
10
20
mA
HPD Mode
IDD(HPD)
MODE = 3 V
10
20
Disabled Mode
IDD(DIS)
DISABLE = 3 V
500
1000
mA
Notes
a.
The algebraic convention whereby the most negative value is a minimum and the most positive a maximum is used in this data sheet.
b.
Typical values are for DESIGN AID ONLY, not guaranteed nor subject to production testing.
c.
MODE = 3 V and/or DISABLE = 3 V and/or TERMPWR = 0 V.
d.
Guaranteed by design, not subject to production test.
e.
VCM applied simultaneously to Line PLUS and Line MINUS pins of all SCSI channels T1-T14.
f.
VCM applied simultaneously to Line MINUS pins of all SCSI channels T1-T14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com