Electronic Components Datasheet Search
  English  ▼

X  

74AHC02 Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # 74AHC02
Description  Quad 2-input NOR gate
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AHC02 Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  74AHC02 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AHC02 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AHC02 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AHC02 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AHC02 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AHC02 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AHC02 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AHC02 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AHC02 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Nexperia
74AHC02; 74AHCT02
Quad 2-input NOR gate
4. Functional diagram
mna216
1A
1B
1Y
3
2
1
2A
2B
2Y
6
5
4
3A
3B
3Y
9
8
10
4A
4B
4Y
12
11
13
Fig. 1. Logic symbol
001aah084
2
1
3
5
4
≥1
6
≥1
8
10
≥1
9
11
13
≥1
12
Fig. 2. IEC logic symbol
mna215
A
B
Y
Fig. 3. Logic diagram (one gate)
5. Pinning information
5.1. Pinning
02
1Y
VCC
1A
4Y
1B
4B
2Y
4A
2A
3Y
2B
3B
GND
3A
001aac919
1
2
3
4
5
6
7
8
10
9
12
11
14
13
Fig. 4. Pin configuration SOT108-1 (SO14) and
SOT402-1 (TSSOP14)
001aac920
02
Transparent top view
2B
3B
2A
3Y
2Y
4A
1B
4B
1A
4Y
6
9
5
10
4
11
3
12
2
13
terminal 1
index area
GND(1)
(1) This is not a ground pin. There is no electrical or
mechanical requirement to solder the pad. In case
soldered, the solder land should remain floating or
connected to GND.
Fig. 5. Pin configuration SOT762-1 (DHVQFN14)
5.2. Pin description
Table 2. Pin description
Symbol
Pin
Description
1Y, 2Y, 3Y, 4Y
1, 4, 10, 13
data output
1A, 2A, 3A, 4A
2, 5, 8, 11
data input
1B, 2B, 3B, 4B
3, 6, 9, 12
data input
GND
7
ground (0 V)
VCC
14
supply voltage
74AHC_AHCT02
All information provided in this document is subject to legal disclaimers.
©
Nexperia B.V. 2020. All rights reserved
Product data sheet
Rev. 5 — 11 May 2020
2 / 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com