Electronic Components Datasheet Search
  English  ▼

X  

74AHCT2G08 Datasheet(PDF) 4 Page - Nexperia B.V. All rights reserved

Part # 74AHCT2G08
Description  Dual 2-input AND gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74AHCT2G08 Datasheet(HTML) 4 Page - Nexperia B.V. All rights reserved

  74AHCT2G08 Datasheet HTML 1Page - Nexperia B.V. All rights reserved 74AHCT2G08 Datasheet HTML 2Page - Nexperia B.V. All rights reserved 74AHCT2G08 Datasheet HTML 3Page - Nexperia B.V. All rights reserved 74AHCT2G08 Datasheet HTML 4Page - Nexperia B.V. All rights reserved 74AHCT2G08 Datasheet HTML 5Page - Nexperia B.V. All rights reserved 74AHCT2G08 Datasheet HTML 6Page - Nexperia B.V. All rights reserved 74AHCT2G08 Datasheet HTML 7Page - Nexperia B.V. All rights reserved 74AHCT2G08 Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74AHCT2G08 Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Nexperia
74AHC2G08; 74AHCT2G08
Dual 2-input AND gate
74AHC_AHCT2G08
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2018. All rights reserved.
Product data sheet
Rev. 6 — 21 March 2018
4 / 14
8 Limiting values
Table 5. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134). Voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
supply voltage
-0.5
+7.0
V
VI
input voltage
-0.5
+7.0
V
IIK
input clamping current
VI < -0.5 V
[1]
-20
-
mA
IOK
output clamping current
VO < -0.5 V or VO > VCC + 0.5 V
[1]
-
±20
mA
IO
output current
-0.5 V < VO < VCC + 0.5 V
-
±25
mA
ICC
supply current
-
75
mA
IGND
ground current
-75
-
mA
Tstg
storage temperature
-65
+150
°C
Ptot
total power dissipation
Tamb = -40 °C to +125 °C
[2]
-
250
mW
[1] The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
[2] For SOT505-2 package: above 96 °C the value of Ptot derates linearly with 4.6 mW/K.
For SOT765-1 package: above 99 °C the value of Ptot derates linearly with 4.9 mW/K.
9 Recommended operating conditions
Table 6. Recommended operating conditions
Voltages are referenced to GND (ground = 0 V).
74AHC2G08
74AHCT2G08
Symbol Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
VCC
supply voltage
2.0
5.0
5.5
4.5
5.0
5.5
V
VI
input voltage
0
-
5.5
0
-
5.5
V
VO
output voltage
0
-
VCC
0
-
VCC V
Tamb
ambient temperature
-40
+25
+125
-40
+25
+125 °C
VCC = 3.3 V ± 0.3 V
-
-
100
-
-
-
ns/V
Δt/ΔV
input transition rise
and fall rate
VCC = 5.0 V ± 0.5 V
-
-
20
-
-
20
ns/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com