Electronic Components Datasheet Search
  English  ▼

X  

AMC431 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AMC431
Description  PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AMC431 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AMC431 Datasheet HTML 2Page - List of Unclassifed Manufacturers AMC431 Datasheet HTML 3Page - List of Unclassifed Manufacturers AMC431 Datasheet HTML 4Page - List of Unclassifed Manufacturers AMC431 Datasheet HTML 5Page - List of Unclassifed Manufacturers AMC431 Datasheet HTML 6Page - List of Unclassifed Manufacturers AMC431 Datasheet HTML 7Page - List of Unclassifed Manufacturers AMC431 Datasheet HTML 8Page - List of Unclassifed Manufacturers AMC431 Datasheet HTML 9Page - List of Unclassifed Manufacturers AMC431 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
AMC DOC. #: AMC431_C
AMC431
November
2002
PRECISION ADJUSTABLE SHUNT
VOLTAGE REGULATORS
Copyright
 2002, ADD Microtech Corp.
6
www.addmtek.com
APPLICATION INFORMATION
VO = (1 + R1/R2)
×××× V
REF
Note: R should provide 1mA cathode current to the
AMC431 of minimum VBATT
Figure 4. Shunt Regulator
Figure 5. Single –Supply Comparator With
Temperature compensated threshold.
VO = (1 + R1/R2)
×××× V
REF
Figure 6. High-Current Shunt Regulator
Figure 7. Crowbar Circuit
VBATT
R1
0.1%
VREF
Von
≈ 2V
Voff
≈ V
BATT
GND
Vth = 2.5V
Input
VO
VBATT
R2
0.1%
VO
R*
R1
R2
VBATT
AMC431
AMC431
AMC431
AMC431
VBATT
R1
R2
C
VO
VO



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com