Electronic Components Datasheet Search
  English  ▼

X  

UPC4061 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC4061
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4061 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC4061 Datasheet HTML 1Page - Renesas Technology Corp UPC4061 Datasheet HTML 2Page - Renesas Technology Corp UPC4061 Datasheet HTML 3Page - Renesas Technology Corp UPC4061 Datasheet HTML 4Page - Renesas Technology Corp UPC4061 Datasheet HTML 5Page - Renesas Technology Corp UPC4061 Datasheet HTML 6Page - Renesas Technology Corp UPC4061 Datasheet HTML 7Page - Renesas Technology Corp UPC4061 Datasheet HTML 8Page - Renesas Technology Corp UPC4061 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©
1987
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC4061
J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER
DATA SHEET
Document No. G15038EJ3V0DS00 (3rd edition)
(Previous No. IC-1990)
Date Published August 2000 NS CP(K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
The mark 5 shows major revised points.
DESCRIPTION
The
µPC4061 is a J-FET input low-power operational amplifier featuring low supply voltage operation from ±2 V.
Supply current is ten times smaller than
µPC4081 type J-FET input op-amp. With very low input bias current
characteristics, the
µPC4061 is an excellent choice for hand-held measurement equipment and other low-power
application circuits.
FEATURES
• Low supply current: 220
µA (TYP.)
• Very low input bias and offset currents
• Offset voltage null capability
• High input impedance...J-FET Input Stage
• Low supply voltage operation
• Output short circuit protection
• Internal frequency compensation
ORDERING INFORMATION
Part Number
Package
µPC4061C
8-pin plastic DIP (7.62 mm (300))
µPC4061G2
8-pin plastic SOP (5.72 mm (225))
EQUIVALENT CIRCUIT
R1
R4
R9
Q5
Q9
Q14
Q15
Q16
Q11
Q12
Q10
R5
R7
R8
Q13
Q7
Q4
Q3
R2
R3
R6
Q19
Q20
Q17
Q18
OUT
II
IN
OFFSET
NULL
OFFSET
NULL
V
+
V
_
Q2
Q1
Q6
Q8
C1
(7)
(6)
(2)
(3)
(5)
(1)
(4)
PIN CONFIGURATION (Top View)
PC4061C, 4061G2
1
2
3
4
8
7
6
5
NC
V+
OUT
OFFSET
NULL
+
_
OFFSET
NULL
II
IN
V
µ
_
Remark NC : No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com