Electronic Components Datasheet Search
  English  ▼

X  

UPC4081 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # UPC4081
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4081 Datasheet(HTML) 4 Page - Renesas Technology Corp

  UPC4081 Datasheet HTML 1Page - Renesas Technology Corp UPC4081 Datasheet HTML 2Page - Renesas Technology Corp UPC4081 Datasheet HTML 3Page - Renesas Technology Corp UPC4081 Datasheet HTML 4Page - Renesas Technology Corp UPC4081 Datasheet HTML 5Page - Renesas Technology Corp UPC4081 Datasheet HTML 6Page - Renesas Technology Corp UPC4081 Datasheet HTML 7Page - Renesas Technology Corp UPC4081 Datasheet HTML 8Page - Renesas Technology Corp UPC4081 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet G15343EJ3V0DS
2
µµµµPC4081
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Parameter
Symbol
Ratings
Unit
Voltage between V
+
and V
– Note 1
V
+ – V–
–0.3 to +36
V
Differential Input Voltage
VID
±30
V
Input Voltage
Note 2
VI
V
––0.3 to V
+
+0.3
V
Output Voltage
Note 3
VO
V
––0.3 to V
+
+0.3
V
C
Package
Note 4
350
mW
Power Dissipation
G2 Package
Note 5
PT
440
mW
Output Short Circuit Duration
Note 6
Indefinite
sec
Operating Ambient Temperature
TA
–20 to +80
°C
Storage Temperature
Tstg
–55 to +125
°C
Notes 1. Reverse connection of supply voltage can cause destruction.
2. The input voltage should be allowed to input without damage or destruction. Even during the transition period
of supply voltage, power on/off etc., this specification should be kept. The normal operation will establish when
the both inputs are within the Common Mode Input Voltage Range of electrical characteristics.
3. This specification is the voltage which should be allowed to supply to the output terminal from external without
damage or destructive. Even during the transition period of supply voltage, power on/off etc., this specification
should be kept. The output voltage of normal operation will be the Output Voltage Swing of electrical
characteristics.
4. Thermal derating factor is –5.0 mV/°C when operating ambient temperature is higher than 55°C.
5. Thermal derating factor is –4.4 mV/°C when operating ambient temperature is higher than 25°C.
6. Pay careful attention to the total power dissipation not to exceed the absolute maximum ratings, Note 4 and
Note 5.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
V±
±5
±16
V
Output Current
IO
±10
mA
Capacitive Load (AV = +1, Rf = 0
Ω)CL
100
pF
OFFSET VOLTAGE NULL CIRCUIT
Remark
The OFFSET NULL pins should be left
open or connected to V
– via a resistor as
shown in the left figure. Don't connect to
any
lines
other
than
V
–, otherwise
mulfunction, degradation, or failure may
occur.
5
5
5
+
_
2
3
5
1
6
100 k
Ω
VR1
V
_



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com