Electronic Components Datasheet Search
  English  ▼

X  

UPC4559 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # UPC4559
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4559 Datasheet(HTML) 3 Page - Renesas Technology Corp

  UPC4559 Datasheet HTML 1Page - Renesas Technology Corp UPC4559 Datasheet HTML 2Page - Renesas Technology Corp UPC4559 Datasheet HTML 3Page - Renesas Technology Corp UPC4559 Datasheet HTML 4Page - Renesas Technology Corp UPC4559 Datasheet HTML 5Page - Renesas Technology Corp UPC4559 Datasheet HTML 6Page - Renesas Technology Corp UPC4559 Datasheet HTML 7Page - Renesas Technology Corp UPC4559 Datasheet HTML 8Page - Renesas Technology Corp UPC4559 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC4559
HIGH PERFORMANCE DUAL OPERATIONAL AMPLIFIER
DATA SHEET
Document No. G12984EJ6V0DS00 (6th edition)
Date Published March 2004 N CP(K)
Printed in Japan
The mark
shows major revised points.
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
1987
DESCRIPTION
The
µPC4559 is a dual type operational amplifier having better slew rate and bandwidth than the µPC4558C with
satisfying unity gain frequency compensation. Having low noise characteristics, this device is very convenient to make
active filters and other audio application circuits.
FEATURES
• Internal frequency compensation
• Low noise
• Output short circuit protection
ORDERING INFORMATION
Part Number
Package
µPC4559C
8-pin plastic DIP (7.62 mm (300))
EQUIVALENT CIRCUIT (1/2 Circuit)
R1
R9
Q5
Q7
Q13
Q11
R5
R7
R8
OUT
Q2
Q1
Q8
9
Q
R3
Q10
R4
R2
C1
II
IN
V
V
+
–
Q15
Q4
Q3
C2
D
Q14
Q12
R6
−
+
Q6
PIN CONFIGURATION (Top View)
PC4559C
1
1
2
3
4
8
7
6
5
V
+
OUT2
II2
IN2
+
–
II1
IN1
OUT1
V
–
2
µ
+ –



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com