Electronic Components Datasheet Search
  English  ▼

X  

UPC4574 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC4574
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4574 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC4574 Datasheet HTML 4Page - Renesas Technology Corp UPC4574 Datasheet HTML 5Page - Renesas Technology Corp UPC4574 Datasheet HTML 6Page - Renesas Technology Corp UPC4574 Datasheet HTML 7Page - Renesas Technology Corp UPC4574 Datasheet HTML 8Page - Renesas Technology Corp UPC4574 Datasheet HTML 9Page - Renesas Technology Corp UPC4574 Datasheet HTML 10Page - Renesas Technology Corp UPC4574 Datasheet HTML 11Page - Renesas Technology Corp UPC4574 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Data Sheet G15977EJ4V0DS
6
µPC4574
TYPICAL PERFORMANCE CHARACTERISTICS (TA = 25°C, TYP.)
TA - Operating Ambient Temperature - ˚C
POWER DISSIPATION
800
600
400
200
0
20406080
100
PC4574G2
µ
PC4574C
µ
132˚C/W
182˚C/W
0
20
40
60
80
100
120
1
100
10 k
1 M
1 k
10
100 k
10 M
f - Frequency - Hz
OPEN LOOP FREQUENCY RESPONSE
V± =
±15 V
−20
0
204060
80
2
1.5
1
0.5
0
−0.5
−1
−1.5
−2
TA - Operating Ambient Temperature - ˚C
INPUT OFFSET VOLTAGE
=
±15 V
V±
each 5 samples data
80
60
40
20
0
−20
550
530
510
490
470
450
TA - Operating Ambient Temperature - ˚C
INPUT BIAS CURRENT
=
±15 V
V±
f - Frequency - Hz
LARGE SIGNAL FREQUENCY RESPONSE
0
10
20
30
100
1 k
10 k
100 k
1 M
10 M
V=
±15 V
±
RL = 10 k
Ω
IO - Output Current - mA
OUTPUT CURRENT LIMIT
±5
±10
±15
20
40
60
80
0
V=
±15 V
±
V,IO SINK
−
V,IO SOURCE
±
TA - Operating Ambient Temperature - ˚C
SUPPLY CURRENT
12
9
6
3
−20
40
20
060
80
0
V=
±15 V
±
SUPPLY CURRENT
12
9
6
3
0
±10
±20
V - Supply Voltage - V
±



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com