Electronic Components Datasheet Search
  English  ▼

X  

UPC4741 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # UPC4741
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4741 Datasheet(HTML) 5 Page - Renesas Technology Corp

  UPC4741 Datasheet HTML 1Page - Renesas Technology Corp UPC4741 Datasheet HTML 2Page - Renesas Technology Corp UPC4741 Datasheet HTML 3Page - Renesas Technology Corp UPC4741 Datasheet HTML 4Page - Renesas Technology Corp UPC4741 Datasheet HTML 5Page - Renesas Technology Corp UPC4741 Datasheet HTML 6Page - Renesas Technology Corp UPC4741 Datasheet HTML 7Page - Renesas Technology Corp UPC4741 Datasheet HTML 8Page - Renesas Technology Corp UPC4741 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet G16051EJ4V0DS
3
µPC4741
µPC4741C, 4741G2
ELECTRICAL CHARACTERISTICS (TA = 25°C, V± =
±15 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
RS
≤ 100 Ω
±1.0
±5.0
mV
Input Offset Current
Note
IIO
±30
±50
nA
Input Bias Current
Note
IB
70
300
nA
Large Signal Voltage Gain
AV
RL
≥ 2 kΩ , VO = ±10 V
25,000
50,000
Power Consumption
Pd
IO = 0 A
150
210
mW
Common Mode Rejection Ratio
CMR
80
100
dB
Supply Voltage Rejection Ratio
SVR
50
100
µV/ V
Maximum Output Voltage
Vom
RL
≥ 10 kΩ
±12
±13.7
V
Maximum Output Voltage
Vom
RL
≥ 2 kΩ
±10
±12.5
V
Common Mode Input Voltage Range
VICM
±12
±14
V
Slew Rate
SR
AV = 1
1.6
V/
µs
Input Equivalent Noise Voltage Density
en
f = 1 kHz
9
nV/ Hz
Channel Separation
f = 10 kHz
108
dB
Note
Input bias currents flow out from IC. Because each currents are base current of PNP-transistor on input stage.
µPC4741C (5), 4741G2 (5)
ELECTRICAL CHARACTERISTICS (TA = 25°C, V± =
±15 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input Offset Voltage
VIO
RS
≤ 100 Ω
±1.0
±2.0
mV
Input Offset Current
Note
IIO
±30
±50
nA
Input Bias Current
Note
IB
100
nA
Large Signal Voltage Gain
AV
RL
≥ 2 kΩ , VO = ±10 V
28,000
50,000
Power Consumption
Pd
IO = 0 A
150
210
mW
Common Mode Rejection Ratio
CMR
85
90
dB
Supply Voltage Rejection Ratio
SVR
50
µV/ V
Maximum Output Voltage
Vom
RL
≥ 10 kΩ
±12.5
±13.7
V
Maximum Output Voltage
Vom
RL
≥ 2 kΩ
±11
±12.5
V
Common Mode Input Voltage Range
VICM
±13
±14
V
Slew Rate
SR
AV = 1
1.6
V/
µs
Input Equivalent Noise Voltage Density
en
f = 1 kHz
9
nV/ Hz
Channel Separation
f = 10 kHz
108
dB
Note
Input bias currents flow out from IC. Because each currents are base current of PNP-transistor on input stage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com