Electronic Components Datasheet Search
  English  ▼

X  

UPC4741C Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # UPC4741C
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPC4741C Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button UPC4741C Datasheet HTML 4Page - Renesas Technology Corp UPC4741C Datasheet HTML 5Page - Renesas Technology Corp UPC4741C Datasheet HTML 6Page - Renesas Technology Corp UPC4741C Datasheet HTML 7Page - Renesas Technology Corp UPC4741C Datasheet HTML 8Page - Renesas Technology Corp UPC4741C Datasheet HTML 9Page - Renesas Technology Corp UPC4741C Datasheet HTML 10Page - Renesas Technology Corp UPC4741C Datasheet HTML 11Page - Renesas Technology Corp UPC4741C Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet G16051EJ4V0DS
6
µPC4741
OUTPUT VOLTAGE SWING
30
20
10
0
100
300
1 k
3 k
10 k
RL - Load Resistance -
Ω
VOLTAGE FOLLOWER PULSE RESPONSE
5
0
−5
−5
010
20
30
t - Time - s
µ
V=
±15 V
±
CL = 50 pF
RL = 2 k
Ω
−5
0
SUPPLY CURRENT
6
4
2
1
0
±10
±20
V - Supply Voltage - V
±
±15
5
3
±5
10
9
8
7
6
5
4
3
2
1
0
−20
020
40
60
80
SUPPLY CURRENT
TA - Operating Ambient Temperature - ˚C
V=
±15 V
±
CHANNEL SEPARATION
150
50
100
0
10
100
1 k
10 k
100 k
f - Frequency - Hz
f - Frequency - Hz
INPUT EQUIVALENT NOISE VOLTAGE DENSITY
0
10
20
30
100
1 k
10 k
100 k
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com